Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAMCL-01 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # FAMCL-01
Description  Remote I/O FAM Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FAMCL-01 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  FAMCL-01 Datasheet HTML 1Page - M-System Co.,Ltd. FAMCL-01 Datasheet HTML 2Page - M-System Co.,Ltd. FAMCL-01 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: FAMCL-01
FAMCL-01 SPECIFICATIONS
ES-9031 Rev.4 Page 2/3
https://www.m-system.co.jp/
Weight: 150 g (0.33 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (CC-Link or FG to
internal bus or internal power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EXTERNAL VIEW
Station Address Setting Rotary SW
Baud Rate Setting Rotary SW
Status Indicator LED
STATION No.
×10
×1
B.RATE
DA
DB
DG
SHIELD
SHIELD
■ FRONT VIEW
Tension Clamp Terminal
■ STATUS INDICATOR LED
ID
STATUS COLOR FUNCTION
RDY
ON
Green
FA-M3 internal communication normal
RUN
ON
Green
In cyclic transmission, FAMCL
internal communication normal
Blinking
Green
Self diagnostics error
ERR
ON
Red
Communication error
Blinking
Slave station data link error
LRUN ON
Green
Data link running
LERR ON
Red
Data link intercommunication error
SD
ON
Green
Transmitting data
RD
ON
Green
Receiving data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com