Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCN6 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # DCN6
Description  RS CABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DCN6 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  DCN6 Datasheet HTML 1Page - M-System Co.,Ltd. DCN6 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: DCN6
DCN6 SPECIFICATIONS
ES-5910-6 Rev.1 Page 2/2
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & CONNECTOR PIN ASSIGNMENT unit: mm (inch)
20 (.79)
18 (.71)
44 (1.73)
50 (1.97)
1000 (39.37)
1
2
3
4
5
6
7
20
8
22
1
2
3
4
5
6
7
9
8
25
14
6
9
1
13
5
1
•WIRING DIAGRAM
•CONNECTOR PIN ASSIGNMENTS
9 pins
Frame GND
Frame GND
25 pins
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com