Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP-IRDA Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # COP-IRDA
Description  IrDA COMMUNICATION ADAPTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

COP-IRDA Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  COP-IRDA Datasheet HTML 1Page - M-System Co.,Ltd. COP-IRDA Datasheet HTML 2Page - M-System Co.,Ltd. COP-IRDA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: COP-IRDA
COP-IRDA SPECIFICATIONS
ES-9204 Rev.4 Page 2/3
http://www.m-system.co.jp/
DIMENSIONS unit: mm (inch)
approx. 1000 (39.37)
50 (1.97)
20 (0.79)
WINDOW
■ COMMUNICATION ADAPTOR
■ HOLDER
52 (2.05)
120 (4.72)
MAGNET
• L Type
HOOK AND LOOP FASTENER
• For 96mm (3.78)
45 (1.77)
105 (4.13)
HOOK AND LOOP FASTENER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com