Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5PA-A14W-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M5PA-A14W-R
Description  Super-mini Terminal Block Signal Conditioners M5-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M5PA-A14W-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M5PA-A14W-R Datasheet HTML 1Page - M-System Co.,Ltd. M5PA-A14W-R Datasheet HTML 2Page - M-System Co.,Ltd. M5PA-A14W-R Datasheet HTML 3Page - M-System Co.,Ltd. M5PA-A14W-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M5PA
M5PA SPECIFICATIONS
ES-2483 Rev.10 Page 1/4
http://www.m-system.co.jp/
Super-mini Terminal Block Signal Conditioners M5-UNIT
FREQUENCY TRANSMITTER
Functions & Features
• Converts the output from a pulse-type transducer into a
standard process signal
• High-density mounting
• Power LED
25 (.98)
97
(3.82)
41 (1.61)
mm (inch)
MODEL: M5PA-[1][2]-[3][4]
ORDERING INFORMATION
• Code number: M5PA-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. M5PA-CA-R/Q)
• Frequency range (e.g. 0 – 1 kHz)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
A1: Open collector
A2: Mechanical contact
C: 5 V pulse (sensitivity 2 V)
D: 12 V/24 V pulse (sensitivity 5 V)
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
4W: -10 – +10 V DC (Load resistance 8000 Ω min.)
5W: -5 – +5 V DC (Load resistance 4000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(CE not available)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Terminal block
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. 0 to 110 % at 1 – 5 V
Zero adjustment: -2 to +2 % (front)
Span adjustment: 98 to 102 % (front)
Chattering protection: Filter provided for mechanical
contact input
Power LED: Green LED turns on when the power is supplied.


Similar Part No. - M5PA-A14W-R

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
M5P WINCHESTER-M5P Datasheet
108Kb / 1P
COMPOSITE-OUTLINE ASSY
logo
List of Unclassifed Man...
M5P1 ETC1-M5P1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
M5P5 ETC1-M5P5 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
logo
Edal Industries, Inc.
M5P5 EDAL-M5P5 Datasheet
1Mb / 2P
SILICON GENERAL PURPOSE 5.0 AMP DIODES
logo
List of Unclassifed Man...
M5P9 ETC1-M5P9 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
More results

Similar Description - M5PA-A14W-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M5VS MSYSTEM-M5VS Datasheet
104Kb / 3P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5VF2 MSYSTEM-M5VF2 Datasheet
100Kb / 3P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5VF MSYSTEM-M5VF Datasheet
104Kb / 3P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5TS MSYSTEM-M5TS Datasheet
111Kb / 4P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5SN MSYSTEM-M5SN Datasheet
97Kb / 2P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5RS MSYSTEM-M5RS Datasheet
102Kb / 3P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5MV MSYSTEM-M5MV Datasheet
103Kb / 3P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5DY MSYSTEM-M5DY Datasheet
105Kb / 4P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5CT MSYSTEM-M5CT Datasheet
100Kb / 3P
Super-mini Terminal Block Signal Conditioners M5-UNIT
M5VSH MSYSTEM-M5VSH Datasheet
100Kb / 3P
Super-mini Terminal Block Signal Conditioners M5-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com