Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NAT-22H2-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # 48NAT-22H2-R
Description  Bargraph Indicators 48N Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NAT-22H2-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  48NAT-22H2-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NAT-22H2-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NAT-22H2-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NAT-22H2-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NAT-22H2-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NAT-22H2-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NAT-22H2-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NAT-22H2-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NAT-22H2-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MODEL: 48NAT
48NAT SPECIFICATIONS
ES-9433 Rev.13 Page 5/9
http://www.m-system.co.jp/
• Type 5: 5.5 Scale Span < 11.0
Number of divisions: 27.5 to 54.9
Scale: Starts at 0, increments by 0.01 / 0.1 / 1 / 10 /
100 / 1000. Min. and max. values indicated.
4 digits including negative sign and decimal
point.
Division lines: Long, Medium, Medium, Medium,
Medium, Long (5 divisions repeated)
300
250
°C
SET
S
•
Z
L
LL
HH
H
M
200
150
100
50
0
%
0
100
90
80
70
60
50
40
30
10
20
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
100
200
300
400
500
550
0
1
2
3
4
5
6
7
8
9
10
10.9
[Example] : Bargraph range 0 to 300°C (Type 4) for left
Bargraph range 0 to 100 % (Type 5) for right
Left scale range: 0 – 300
Left scale unit (bargraph): °C
Right scale range: 0 – 100
Right scale unit (bargraph): %
• Type 3: 2.0 Scale Span < 2.6
Number of divisions: 40 to 51.9
Scale: Starts at 0, increments by 0.05 / 0.5 / 5 / 50 /
500. Min. and max. values indicated. 4 digits
including negative sign and decimal point.
Division lines: Long, Short, Medium, Short, Medium,
Short, Medium, Short, Medium, Short, Long
(10 divisions repeated)
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
120
100
50
0
-50
-100
-120
0
0
0.5
1
1.5
2
2.59
5
10
15
20
• Type 4: 2.6 Scale Span < 5.5
Number of divisions: 26 to 54.9
Scale: Starts at 0, increments by 0.05 / 0.5 / 5 / 50 /
500. Min. and max. values indicated. 4 digits
including negative sign and decimal point.
Division lines: Long, Medium, Medium, Medium,
Medium, Long (5 divisions repeated)
Minimum
Divisions
Maximum
Divisions
Bipolar
Scale
250
200
150
100
50
0
-50
-100
-150
-200
-250
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.49
50
100
150
200
250
260



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com