Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH2D11 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH2D11
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH2D11 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH2D11 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH2D11
106
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH2D11-1R5
1.5
100KHZ
95
m
0.90
1.45
SCRH2D11-2R2
2.2
100KHZ
121m
0.64
1.27
SCRH2D11-3R3
3.3
100KHZ
160m
0.60
1.14
SCRH2D11-4R7
4.7
100KHZ
235m
0.50
1.02
SCRH2D11-6R8
6.8
100KHZ
304m
0.40
0.86
SCRH2D11-100
10
100KHZ
524m
0.34
0.70
SCRH2D11-120
12
100KHZ
595m
0.30
0.56
SCRH2D11-150
15
100KHZ
656m
0.24
0.50
SCRH2D11-180
18
100KHZ
691m
0.23
0.50
SCRH2D11-220
22
100KHZ
1.12
0.22
0.43
SCRH2D11-330
33
100KHZ
1.87
0.18
0.38
SCRH2D11-470
47
100KHZ
2.35
0.15
0.34
(1). Inductance tolerance
±30% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 35% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
MARKING
XXX
10
100
100
1000
10000
10
BCRH2D11 I nduct ance decr ease by cur r ent
100000
DC cur r ent ( mA)
1
0. 1
1000
470
120
1R5
BCRH2D11 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
800
1200
200
400
600
1400
1000
1600
0
1800
2000
470
120
1R5
SCRH2D11 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH2D11 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH2D11

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH2D14 BEL-SCRH2D14 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D14-100 BEL-SCRH2D14-100 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D14-120 BEL-SCRH2D14-120 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D14-1R5 BEL-SCRH2D14-1R5 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D14-1R8 BEL-SCRH2D14-1R8 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH2D11

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com