Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM4606GS Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # TM4606GS
Description  N- and P-Channel 30 V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TM4606GS Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  TM4606GS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TM4606GS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TM4606GS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TM4606GS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TM4606GS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TM4606GS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TM4606GS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd TM4606GS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd TM4606GS Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
30
V
VGS = 0 V, ID = - 250 µA
P-Ch
-
30
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 µA
N-Ch
40
mV/°C
ID = - 250 µA
P-Ch
- 34
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
ID = 250 µA
N-Ch
- 4.1
ID = - 250 µA
P-Ch
5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
V
VDS = VGS, ID = - 250 µA
P-Ch
-
-
2.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
N-Ch
± 100
nA
VDS = 0 V, VGS = ± 12 V
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
N-Ch
1
µA
VDS = - 30 V, VGS = 0 V
P-Ch
- 1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
N-Ch
10
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
N-Ch
20
A
VDS = - 5 V, VGS = - 10 V
P-Ch
- 20
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 6.8 A
N-Ch
0.0
18
Ω
VGS = - 10 V, ID = - 8 A
P-Ch
0.0
40
VGS = 8 V, ID = 6.7 A
N-Ch
0.0
20
VGS = - 8 V, ID = - 6.5 A
P-Ch
0.0
44
VGS = 4.5 V, ID = 6.6 A
N-Ch
0.0
24
VGS = - 4.5 V, ID = - 5 A
P-Ch
0.0
50
Forward Transconductanceb
gfs
VDS = 15 V, ID = 6.8 A
N-Ch
27
S
VDS = - 15 V, ID = - 6.7 A
P-Ch
25
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 20 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 20 V, VGS = 0 V, f = 1 MHz
N-Ch
510
pF
P-Ch
620
Output Capacitance
Coss
N-Ch
95
P-Ch
115
Reverse Transfer Capacitance
Crss
N-Ch
33
P-Ch
57
Total Gate Charge
Qg
VDS = 20 V, VGS = 10 V, ID = 10 A
N-Ch
6
10
nC
VDS = - 20 V, VGS = - 10 V, ID = - 10 A
P-Ch
41.5
63
N-Channel
VDS = 20 V, VGS = 4.5 V, ID = 10 A
P-Channel
VDS = - 20 V, VGS = - 4.5 V, ID = - 10 A
N-Ch
5.8
7
P-Ch
16
22
Gate-Source Charge
Qgs
N-Ch
1.6
P-Ch
4.3
Gate-Drain Charge
Qgd
N-Ch
1.
4
P-Ch
7
Gate Resistance
Rg
f = 1 MHz
N-Ch
0.3
1.
1
2.
3
Ω
P-Ch
1.
2
5.7
9.6
2.0
1.0
1.0
TM4606GS
2
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com