Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NAT-2YH5-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 48NAT-2YH5-R
Description  Bargraph Indicators 48N Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NAT-2YH5-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  48NAT-2YH5-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NAT-2YH5-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NAT-2YH5-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NAT-2YH5-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NAT-2YH5-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NAT-2YH5-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NAT-2YH5-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NAT-2YH5-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NAT-2YH5-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: 48NAT
48NAT SPECIFICATIONS
ES-9433 Rev.13 Page 1/9
http://www.m-system.co.jp/
Bargraph Indicators 48N Series
BARGRAPH INDICATING ALARM
(thermocouple input)
Functions & Features
• Displays a process variable in graphic bargraph
of 101 LED segments
• Provides max. 4 alarm contact outputs
• Multi-color indicator
• Linearization and burnout
• IP65 front cover
• Scale plate is easily replaced
• Separable terminal block
50
40
30
20
10
0
10
20
30
40
50
m3/h
%
100 SET
H
S
P
•
L
90
80
70
60
50
40
30
20
10
0
HH
LL
M
144
(5.67)
36 (1.42)
103
(4.06)
mm (inch)
MODEL: 48NAT–[1][2][3][4]–[5][6]
ORDERING INFORMATION
• Code number: 48NAT-[1][2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. 48NAT-42V2-R/CE/D/BL/Q)
• Temperature range (e.g. 0 – 500 °C)
• Bargraph scale (e.g. 0 – 100 %) (See ‘Scale Plate.’)
• Specify the specification for option code /Q
(e.g. /C01/SET)
[1] ALARM OUTPUT
2: 2 points
4: 4 points
[2] BAR LED COLOR
R: Red
Y: Amber
G: Green
B: Blue
1: Multi-color (red, orange and green), Pattern 1
(See ‘External View.’)
2: Multi-color (red, orange and green), Pattern 2
(See ‘External View.’)
[3] MOUNTING DIRECTION
V: Vertical
H: Horizontal
[4] INPUT THERMOCOUPLE
1: (PR) (Usable Range 0 to 1760°C, 32 to 3200°F)
2: K (CA) (Usable range -270 to +1370°C, -454 to +2498°F)
3: E (CRC) (Usable range -270 to +1000°C, -454 to +1832°F)
4: J (IC) (Usable range -210 to +1200°C, -346 to +2192°F)
5: T (CC) (Usable range -270 to +400°C, -454 to +752°F)
6: B (RH) (Usable range 0 to 1820°C, 32 to 3308°F)
7: R (Usable range -50 to +1760°C, -58 to +3200°F)
8: S (Usable range -50 to +1760°C, -58 to +3200°F)
N: N (Usable range -270 to +1300°C, -454 to +2372°F)
[5] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V, 50/60 Hz
(CE marking not available)
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 50/60 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±15 %, ripple 10 %p-p max.)
[6] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Bezels
blank: Bezels for M-System’s 48 Series panel cutout
/D: Bezels for DIN panel cutout
/F: Bezels for Fuji Electric's PAJ, PAK, PBA panel cutout
Burnout
blank: Upscale burnout
/BL: Downscale burnout
/BN: No burnout
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
Moving parts and indicators are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet


Similar Part No. - 48NAT-2YH5-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
48NAM MSYSTEM-48NAM Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
48NAM-21H-M MSYSTEM-48NAM-21H-M Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
48NAM-21H-M/CE MSYSTEM-48NAM-21H-M/CE Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
48NAM-21H-M/D MSYSTEM-48NAM-21H-M/D Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
48NAM-21H-M/F MSYSTEM-48NAM-21H-M/F Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
More results

Similar Description - 48NAT-2YH5-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
48NDVD MSYSTEM-48NDVD Datasheet
232Kb / 9P
Bargraph Indicators 48N Series
48NDVA MSYSTEM-48NDVA Datasheet
231Kb / 9P
Bargraph Indicators 48N Series
48NDV MSYSTEM-48NDV Datasheet
230Kb / 9P
Bargraph Indicators 48N Series
48NDT MSYSTEM-48NDT Datasheet
239Kb / 11P
Bargraph Indicators 48N Series
48NDR MSYSTEM-48NDR Datasheet
235Kb / 10P
Bargraph Indicators 48N Series
48NAVD MSYSTEM-48NAVD Datasheet
225Kb / 9P
Bargraph Indicators 48N Series
48NAVA MSYSTEM-48NAVA Datasheet
223Kb / 9P
Bargraph Indicators 48N Series
48NAV MSYSTEM-48NAV Datasheet
222Kb / 9P
Bargraph Indicators 48N Series
48NAR MSYSTEM-48NAR Datasheet
225Kb / 9P
Bargraph Indicators 48N Series
48NAM MSYSTEM-48NAM Datasheet
221Kb / 9P
Bargraph Indicators 48N Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com