Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T56D107M016CSS025 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # T56D107M016CSS025
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T56D107M016CSS025 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button T56D107M016CSS025 Datasheet HTML 9Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 10Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 11Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 12Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 13Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 14Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 15Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 16Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Polymer Guide
www.vishay.com
Vishay
Revision: 13-Apr-2021
7
Document Number: 40076
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) For reference only
(2) Standard packaging of MM case is with paper tape. Plastic tape is available per request
Note
(1) A0, B0 are determined by the maximum dimensions to the ends of the terminals extending from the component body and / or the body
dimensions of the component. The clearance between the ends of the terminals or body of the component to the sides and depth of the
cavity (A0, B0) must be within 0.002" (0.05 mm) minimum and 0.020" (0.50 mm) maximum. The clearance allowed must also prevent rotation
of the component within the cavity of not more than 20°
CARRIER TAPE DIMENSIONS in inches [millimeters]
CASE CODE
TAPE SIZE
B1 (MAX.) (1)
D1 (MIN.)
F
K0 (MAX.)
P1
W
E5
12 mm
0.329 [8.35]
0.059 [1.5]
0.217 ± 0.002
[5.50 ± 0.05]
0.071 [1.8]
0.315 ± 0.004
[8.0 ± 0.10]
0.476 ± 0.008
[12.1 ± 0.20]
MM (2)
8 mm
0.075 [1.91]
0.02 [0.5]
0.138 [3.5]
0.043 [1.10]
0.157 [4.0]
0.315 [8.0]
M1, M9
12 mm
0.32 [8.2]
0.059 [1.5]
0.217 ± 0.002
[5.5 ± 0.05]
0.094 [2.39]
0.315 ± 0.04
[8.0 ± 1.0]
0.472 + 0.012 / - 0.004
[12.0 + 0.3 / - 0.10]
W9
8 mm
0.126 [3.20]
0.030 [0.75]
0.138 [3.5]
0.045 [1.15]
0.157 [4.0]
0.315 [8.0]
W0
8 mm
0.126 [3.20]
0.030 [0.75]
0.138 [3.5]
0.045 [1.15]
0.157 [4.0]
0.315 [8.0]
A0
8 mm
-
0.02 [0.5]
0.138 [3.5]
0.049 [1.25]
0.157 [4.0]
0.315 [8.0]
BB
8 mm
0.157 [4.0]
0.039 [1.0]
0.138 [3.5]
0.087 [2.22]
0.157 [4.0]
0.315 [8.0]
EE
12 mm
0.32 [8.2]
0.059 [1.5]
0.217 ± 0.002
[5.5 ± 0.05]
0.175 [4.44]
0.315 ± 0.04
[8.0 ±1.0]
0.472 + 0.012 / - 0.004
[12.0 + 0.3 / - 0.10]
B2
8 mm
0.157 [4.0]
0.039 [1.0]
0.138 [3.5]
0.057 [1.45]
0.157 [4.0]
0.315 [8.0]
PAPER TAPE AND REEL PACKAGING DIMENSIONS in inches [millimeters]
CASE
SIZE
TAPE
SIZE
A0
B0
D0
P0
P1
P2
EF
W
T
MM
8 mm
0.041 ± 0.002
[1.05 ± 0.05]
0.071 ± 0.002
[1.8 ± 0.05]
0.06 ± 0.004
[1.5 ± 0.1]
0.157 ± 0.004
[4.0 ± 0.1]
0.157 ± 0.004
[4.0 ± 0.1]
0.079 ± 0.002
[2.0 ± 0.05]
0.069 ± 0.004
[1.75 ± 0.1]
0.0138 ± 0.002
[3.5 ± 0.05]
0.315 ± 0.008
[8.0 ± 0.2]
0.037 ± 0.002
[0.95 ± 0.05]
M0
8 mm
0.049 ± 0.002
[1.25 ± 0.05]
0.081 ± 0.002
[2.05 ± 0.05]
0.06 ± 0.004
[1.5 ± 0.1]
0.157 ± 0.004
[4.0 ± 0.1]
0.157 ± 0.004
[4.0 ± 0.1]
0.079 ± 0.002
[2.0 ± 0.05]
0.069 ± 0.004
[1.75 ± 0.1]
0.0138 ± 0.002
[3.5 ± 0.05]
0.315 ± 0.008
[8.0 ± 0.2]
0.041 ± 0.002
[1.05 ± 0.05]
Ø D
0
T
Bottom cover
tape
F
P
1
A0
B
0
E2
P2
W
P0
E
1
Cavity size
(1)
Bottom cover tape
USER FEED DIRECTION
Cavity center lines
Top
cover tape
[10 pitches cumulative tolerance on tape ± 0.2 mm]
G
Anode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com