Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T56D107M050CSS025 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # T56D107M050CSS025
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors,
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T56D107M050CSS025 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button T56D107M050CSS025 Datasheet HTML 7Page - Vishay Siliconix T56D107M050CSS025 Datasheet HTML 8Page - Vishay Siliconix T56D107M050CSS025 Datasheet HTML 9Page - Vishay Siliconix T56D107M050CSS025 Datasheet HTML 10Page - Vishay Siliconix T56D107M050CSS025 Datasheet HTML 11Page - Vishay Siliconix T56D107M050CSS025 Datasheet HTML 12Page - Vishay Siliconix T56D107M050CSS025 Datasheet HTML 13Page - Vishay Siliconix T56D107M050CSS025 Datasheet HTML 14Page - Vishay Siliconix T56D107M050CSS025 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Polymer Guide
www.vishay.com
Vishay
Revision: 13-Apr-2021
5
Document Number: 40076
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOLDED CAPACITORS, T50 / T55 / T56 TYPES
Note
• A reel diameter of 330 mm is also applicable
Note
• A reel diameter of 330 mm is also applicable
PLASTIC TAPE AND REEL PACKAGING DIMENSIONS in millimeters
TAPE WIDTH
8
12
A + 0 / - 3
Ø 180
B + 1 / 0
Ø 60
C ± 0.2
Ø 13
D ± 0.5
Ø 21
E ± 0.5
2.0
W ± 0.3
9.0
13.0
PLASTIC TAPE SIZE DIMENSIONS in millimeters
CASE CODE
A ± 0.2
B ± 0.2
W ± 0.3
F ± 0.1
E ± 0.1
P1 ± 0.1
tmax.
J
1.0
1.8
8.0
3.5
1.75
4.0
1.3
P
1.4
2.2
8.0
3.5
1.75
4.0
1.6
A
1.9
3.5
8.0
3.5
1.75
4.0
2.5
T
3.1
3.8
8.0
3.5
1.75
4.0
1.7
B
3.1
3.8
8.0
3.5
1.75
4.0
2.5
C
3.7
6.3
12.0
5.5
1.75
8.0
3.1
Z
4.8
7.7
12.0
5.5
1.75
8.0
2.6
V
4.8
7.7
12.0
5.5
1.75
8.0
2.6
D
4.8
7.7
12.0
5.5
1.75
8.0
3.4
Label
D
E
W
Perforation
Direction of tape flow
Inserting direction
t
A
P
1
Ø 1.5
Pocket
+ 0.1
0
4.0 ± 0.1
2.0 ± 0.1
Perforation
Symbol: R
Marking side (upper)
Mounting terminal side (lower)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com