Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS930E/1K Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS930E/1K
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS930E/1K Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS930E/1K Datasheet HTML 4Page - Texas Instruments ADS930E/1K Datasheet HTML 5Page - Texas Instruments ADS930E/1K Datasheet HTML 6Page - Texas Instruments ADS930E/1K Datasheet HTML 7Page - Texas Instruments ADS930E/1K Datasheet HTML 8Page - Texas Instruments ADS930E/1K Datasheet HTML 9Page - Texas Instruments ADS930E/1K Datasheet HTML 10Page - Texas Instruments ADS930E/1K Datasheet HTML 11Page - Texas Instruments ADS930E/1K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADS930
8
SBAS059A
FIGURE 1. Input Track/Hold Configuration with Timing
Signals.
FIGURE 2. Pipeline ADC Architecture.
THEORY OF OPERATION
The ADS930 is a high speed sampling ADC that utilizes a
pipeline architecture. The fully differential topology and
digital error correction guarantee 8-bit resolution. The track/
hold circuit is shown in Figure 1. The switches are con-
trolled by an internal clock which has a non-overlapping two
phase signal,
φ1 and φ2. At the sampling time the input
signal is sampled on the bottom plates of the input capaci-
tors. In the next clock phase,
φ2, the bottom plates of the
input capacitors are connected together and the feedback
capacitors are switched to the op amp output. At this time the
charge redistributes between CI and CH, completing one
track/hold cycle. The differential output is a held DC repre-
sentation of the analog input at the sample time. In the
normal mode of operation, the complementary input is tied
to the common-mode voltage. In this case, the track/hold
circuit converts a single-ended input signal into a fully
differential signal for the quantizer. Consequently, the input
signal gets amplified by a gain or two, which improves the
signal-to-noise performance. Other parameters such as small-
signal and full-power bandwidth, and wideband noise are
also defined in this stage.
φ1
φ1
φ2
φ1
φ1
φ1
φ1
φ1
φ2
φ1
φ2
φ1
φ2
IN
IN
(Opt.)
OUT
OUT
Op Amp
Bias
V
CM
Op Amp
Bias
V
CM
C
H
C
I
C
I
C
H
Input Clock (50%)
Internal Non-overlapping Clock
Σ
+
–
B1 (MSB)
B2
B3
B4
B5
B6
B7
B8 (LSB)
2-Bit
DAC
2-Bit
Flash
Input
T/H
Digital Delay
x2
x2
2-Bit
DAC
2-Bit
Flash
Digital Delay
2-Bit
Flash
Digital Delay
2-Bit
DAC
2-Bit
Flash
Digital Delay
x2
IN
IN
STAGE 1
STAGE 2
STAGE 6
STAGE 7
Σ
+
–
Σ
+
–
(Opt.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com