Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NDV-0RA-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 48NDV-0RA-R
Description  Bargraph Indicators 48N Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NDV-0RA-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  48NDV-0RA-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NDV-0RA-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NDV-0RA-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NDV-0RA-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NDV-0RA-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NDV-0RA-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NDV-0RA-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NDV-0RA-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NDV-0RA-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: 48NDV
48NDV SPECIFICATIONS
ES-9436 Rev.18 Page 3/9
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ Alarm Output: Relay contact
Rated load: 250 V AC @1 A (cos ø = 1)
30 V DC @5 A (resistive load)
Maximum switching voltage: 250 V AC, 220 V DC
Maximum switching power: 380 VA, 150 W
Minimum load: 5 V DC @100 mA
Mechanical life: ≥ 5 × 108 cycles (rate 180 cycles/min.)
0
50
100
Input
(%)
L Setpoint
H Setpoint
H Output
L Output
• Alarm Output Code 2
Alarm Trip Operation
Terminal No. in parentheses
(7–8)ON
(12–14)ON
(13–14)ON
(7–9)ON
0
50
100
Input
(%)
L
H
HH Output
LL Output
H Output
L Output
HH
LL
• Alarm Output Code 4
Terminals 7 – 9, 13 – 14 turn on at a loss of power.
Terminals 7 – 9, 13 – 14 turn on at a loss of power.
(7–8)ON
(7–9)ON
(7–10)ON
(11–14)ON
(12–14)ON
(13–14)ON
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V with max. load
Approx. 5 VA at 200 V with max. load
Approx. 6 VA at 264 V with max. load
•DC
Approx. 2.5 W at 20.4 V with max. load
Approx. 2.5 W at 24 V with max. load
Approx. 2.5 W at 27.6 V with max. load
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Accuracy
Bargraph: ±1 % ±1 digit
Digital indicator: ±0.5 % ±1 digit
Temp. coefficient: ±0.015 % of FS/°C (±0.008 % of FS/°F)
Response time: ≤ 0.5 sec.
(moving average sample number set to 4)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Installation Category II (power)
Pollution Degree 2
Input to output to power: Reinforced insulation (300 V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com