Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NDT-0RA-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # 48NDT-0RA-R
Description  Bargraph Indicators 48N Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NDT-0RA-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button 48NDT-0RA-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NDT-0RA-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NDT-0RA-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NDT-0RA-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NDT-0RA-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NDT-0RA-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NDT-0RA-R Datasheet HTML 9Page - M-System Co.,Ltd. 48NDT-0RA-R Datasheet HTML 10Page - M-System Co.,Ltd. 48NDT-0RA-R Datasheet HTML 11Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MODEL: 48NDT
48NDT SPECIFICATIONS
ES-9444 Rev.14 Page 7/11
http://www.m-system.co.jp/
EXTERNAL VIEW
50
40
30
20
10
0
-10
-20
-30
-40
-50
%
100 SET
2
S
P
Z
1
90
80
70
60
50
40
30
20
10
0
SET (ENTER) Button
Color Setpoint 2 Adj. & Function
Span Adj. & Setting
Decimal Point Position, Moving Average,
Brightness Adj, Factory Setting.
Zero Adj. & Setting
Color Setpoint 1 Adj. & Function
Setting UP Button, Switcing Detailed Settings
Mode & Setting Selector
Setting DOWN Button, Switcing Detailed Settings
Digital Indicator
Setpoint 2 Value
Setpoint 1 Value
PV Indicator
M
Note: Setpoint 1 or 2 provided only for the multi-color bar type.
■ ALARM OUTPUT CODE 0: None
• Bar Color Patterns
Pattern 1 (Bar LED color code 1)
orange
orange
green
orange
Input < L
L < Input < H
H < Input
green
red
H
L
Pattern 2 (Bar LED color code 2)
orange
green
green
red
red
red
H
L
50
40
30
20
10
0
-10
-20
-30
-40
-50
%
100 SET
H
S
P
Z
L
90
80
70
60
50
40
30
20
10
0
SET (ENTER) Button
H Setpoint Adj. & Alarm Function
Span Adj. & Setting
Decimal Point Position, Moving Average,
Brightness Adj, Factory Setting.
Zero Adj. & Setting
L Setpoint Adj. & Alarm Function
Setting UP Button, Switcing Detailed Settings
Mode & Setting Selector
Setting DOWN Button, Switcing Detailed Settings
H Setpoint
L Setpoint
PV Indicator
M
50
40
30
20
10
0
-10
-20
-30
-40
-50
%
100 SET
H
S
P
Z
L
90
80
70
60
50
40
30
20
10
0
SET (ENTER) Button
HH Setpoint Adj. & Alarm Function
H Setpoint Adj. & Alarm Function
Span Adj. & Setting
Decimal Point Position, Moving Average,
Brightness Adj, Factory Setting.
Zero Adj. & Setting
L Setpoint Adj. & Alarm Function
LL Setpoint Adj. & Alarm Function
Setting UP Button, Switcing Detailed Settings
Mode & Setting Selector
Setting DOWN Button, Switcing Detailed Settings
HH Setpoint
H Setpoint
L Setpoint
LL Setpoint
PV Indicator
HH
LL
M
■ ALARM OUTPUT CODE 2: 2 points
Digital Indicator
■ ALARM OUTPUT CODE 4: 4 points
Digital Indicator
°C
°C
°C
°C
°C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com