Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NDV-2RA-R Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # 48NDV-2RA-R
Description  Bargraph Indicators 48N Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NDV-2RA-R Datasheet(HTML) 9 Page - M-System Co.,Ltd.

  48NDV-2RA-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NDV-2RA-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NDV-2RA-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NDV-2RA-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NDV-2RA-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NDV-2RA-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NDV-2RA-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NDV-2RA-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NDV-2RA-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MODEL: 48NDV
48NDV SPECIFICATIONS
ES-9436 Rev.18 Page 9/9
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
12
13
14
15
16
POWER
U(+)
V(–)
LLa
11 La
LLb
Lc, LLc
8
9
10
HHa
7 Hc, HHc
HHb
Ha
HH OUTPUT
H OUTPUT
LL OUTPUT
L OUTPUT
■ ALARM OUTPUT CODE 4: 4 points
Low Drift
Amplifier
Display /
Setting
Digital
Computation
12
13
14
15
16
POWER
U (+)
V (–)
La
Lb
Lc
8
9
Ha
7 Hc
Hb
H OUTPUT
L OUTPUT
■ ALARM OUTPUT CODE 2: 2 points
5
6
15
16
POWER
U (+)
V (–)
11
10
■ ALARM OUTPUT CODE 0: None
Low Drift
Amplifier
Display /
Setting
Digital
Computation
Digital
Computation
12
13
14
8
9
7
1
2
3
4
5
6
–
+
1
2
3
4
–
+
*
*
*Input shunt resistor incorporated for current input.
*Input shunt resistor incorporated for current input.
• DC Powered
■ Relay Protection
• AC Powered
LOAD
Inductive
Load (Coil)
Varistor or Spark
Quenching Circuit
U
LOAD
Inductive
Load (Coil)
Diode, Varistor or
CR Circuit
Ry
Ry
Ry
Ry
Ry
Ry
INPUT
INPUT
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com