Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT76C506A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT76C506A
Description  802.11B MEDIA ACCESS CONTROLLER (MAC) AND BASEBAND WITH PCI INTERFACE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C506A Datasheet(HTML) 2 Page - ATMEL Corporation

  AT76C506A Datasheet HTML 1Page - ATMEL Corporation AT76C506A Datasheet HTML 2Page - ATMEL Corporation AT76C506A Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AT76C506A
2390BS–WLAN–07/03
Description
The AT76C506A is a single-chip baseband controller that can handle IEEE 802.11b
standard compliant data rates of up to 11 Mbps and provides all processing and func-
tionality needed for the MAC protocol of IEEE 802.11b. The AT76C506A is a slave PCI
device that allows Host access to any memory location of the device. Power manage-
ment support conforming to PCI Power Management Specification v1.1 is also provided
so that the device can be used for mini PCI applications.
The AT76C506A incorporates an ARM7TDMI processor using a sophisticated architec-
ture to control the on-chip peripherals, manage the internal memory and allocate data
queue buffers as well as to communicate with the host through the PCI parallel bus. The
processor peripheral logic consists of a PCI bus interface, a Serial Peripheral Interface
(SPI), a MAC unit, a 802.11b baseband controller, a WEP/TKIP engine block, an AES
engine block, two memory controllers and the ARM
® subsystem consisting of an Inter-
rupt Controller, two 32-bit timers and an address decoder unit.
The ARM7TDMI core supports two alternative instruction sets. Powerful 32-bit code can
be executed by the processor in ARM operating mode. However, a 16-bit instruction
subset is also available in Thumb
® mode. Thumb mode can be selected to exploit full
processor power with limited external memory resources. Note that ARM7TDMI operat-
ing mode can be changed at run time with negligible overhead.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com