Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD1426F Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSD1426F
Description  NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSD1426F Datasheet(HTML) 1 Page - Continental Device India Limited

  CSD1426F Datasheet HTML 1Page - Continental Device India Limited CSD1426F Datasheet HTML 2Page - Continental Device India Limited CSD1426F Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN HIGH VOLTAGE SILICON POWER TRANSISTORS
CSD1426F
TO-3P Fully Isolated
Plastic Package
Colour TV Horizontal Output Applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
1500
V
Collector Emitter Voltage
VCEO
600
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current -Continuous
IC
3.5
A
Emitter Current
IE
-3.5
A
Collector Power Dissipation @ Tc=25ºC
PC
34
W
Junction Temperature
Tj
150
ºC
Storage Temperature Range
Tstg
-55 to +150
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICBO
VCB=500V, IE=0
10
µA
Emitter Base Breakdown Voltage
VEBO
IE=200mA, IC=0
5.0
V
DC Current Gain
hFE
IC=0.5A, VCE=5V
8
Collector Emitter Saturation Voltage
VCE(Sat)
IC=3A, IB=0.8A
8V
Base Emitter Saturation Voltage
VBE(sat)
IC=3A, IB=0.8A
1.5
V
Forward Voltage ( Damper Diode)
-VF
IF=3.5A
2.0
V
DYNAMIC CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Transition Frequency
fT
VCE=10V, IC= 100mA
3
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
95
pF
SWITCHING CHARACTERISTICS
Fall Time
tf
ICP=3A, IB1(end)= 0.8A
1.0
µs
IS/ISO 9002
Lic# QSC/L- 000019.2
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CSD1426F

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD1426F CDIL-CSD1426F Datasheet
89Kb / 2P
TO-3P Fully Isolated Plastic Package Transistor CDIL
More results

Similar Description - CSD1426F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUV46 STMICROELECTRONICS-BUV46 Datasheet
47Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
Jan-1999
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
High Voltage NPN Silicon Power Transistors
logo
Comset Semiconductor
2N6249 COMSET-2N6249 Datasheet
387Kb / 3P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
2N6497 NJSEMI-2N6497 Datasheet
94Kb / 2P
HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
NPN Silicon High-Voltage Power Transistors
TIP48 NJSEMI-TIP48 Datasheet
83Kb / 2P
High Voltage NPN Silicon Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com