Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH6D28 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH6D28
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH6D28 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH6D28 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH6D28
115
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH6D28-3R0
3.0
10KHZ
24m
3.00
4.70
SCRH6D28-3R9
3.9
10KHZ
27m
2.60
4.50
SCRH6D28-5R0
5.0
10KHZ
31m
2.40
4.00
SCRH6D28-6R0
6.0
10KHZ
35m
2.25
3.60
SCRH6D28-7R3
7.3
10KHZ
54m
2.10
3.23
SCRH6D28-8R6
8.6
10KHZ
58m
1.85
2.90
SCRH6D28-100
10
10KHZ
65m
1.70
2.60
SCRH6D28-120
12
10KHZ
70m
1.55
2.34
SCRH6D28-150
15
10KHZ
84m
1.40
2.10
SCRH6D28-180
18
10KHZ
95m
1.32
1.89
SCRH6D28-220
22
10KHZ
128m
1.20
1.70
SCRH6D28-270
27
10KHZ
142m
1.05
1.62
SCRH6D28-330
33
10KHZ
165m
0.97
1.37
SCRH6D28-390
39
10KHZ
210m
0.86
1.23
SCRH6D28-470
47
10KHZ
238m
0.80
1.17
SCRH6D28-560
56
10KHZ
277m
0.73
1.11
SCRH6D28-680
68
10KHZ
304m
0.65
0.99
SCRH6D28-820
82
10KHZ
390m
0.60
0.89
SCRH6D28-101
100
10KHZ
535m
0.54
0.80
SCRH6D28-121
120
10KHZ
580m
0.45
0.72
SCRH6D28-151
150
10KHZ
615m
0.42
0.68
(1). Inductance tolerance
±30% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 35% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
10
100
100
1000
10000
10
BCRH6D28 I nduct ance decrease by current
100000
DC current (mA)
1
0. 1
1000
151
220
3R0
BCRH6D28 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000 2000 3000
7000
5000
8000
0
9000 10000
151
220
3R0
SCRH6D28 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH6D28 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH6D28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCRH6D28 ETC2-SCRH6D28 Datasheet
227Kb / 1P
Magnetically shielded construction, Excellent Power Density
SCRH6D28-100 ETC2-SCRH6D28-100 Datasheet
227Kb / 1P
Magnetically shielded construction, Excellent Power Density
SCRH6D28-101 ETC2-SCRH6D28-101 Datasheet
227Kb / 1P
Magnetically shielded construction, Excellent Power Density
SCRH6D28-120 ETC2-SCRH6D28-120 Datasheet
227Kb / 1P
Magnetically shielded construction, Excellent Power Density
SCRH6D28-121 ETC2-SCRH6D28-121 Datasheet
227Kb / 1P
Magnetically shielded construction, Excellent Power Density
More results

Similar Description - SCRH6D28

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com