Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH62 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH62
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH62 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH62 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH62
121
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH62-2R9
2.9
100KHZ
68m
1.94
2.50
SCRH62-4R0
4.0
100KHZ
80m
1.63
2.00
SCRH62-5R5
5.5
100KHZ
96m
1.40
1.80
SCRH62-6R3
6.3
100KHZ
0.10
1.30
1.62
SCRH62-7R1
7.1
100KHZ
0.11
1.22
1.53
SCRH62-8R0
8.0
100KHZ
0.12
1.15
1.46
SCRH62-100
10
100KHZ
0.15
1.10
1.38
SCRH62-120
12
100KHZ
0.20
1.00
1.24
SCRH62-150
15
100KHZ
0.23
0.90
1.17
SCRH62-180
18
100KHZ
0.27
0.80
1.05
SCRH62-220
22
100KHZ
0.34
0.74
0.99
SCRH62-270
27
100KHZ
0.38
0.66
0.89
SCRH62-330
33
100KHZ
0.45
0.59
0.84
SCRH62-390
39
100KHZ
0.49
0.54
0.79
SCRH62-470
47
100KHZ
0.69
0.50
0.75
(1). Inductance tolerance for 2.9uH~8.0uH:
+40%, -20%, for 10uH~47uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
0. 1
1
10
100
1000
100
1000
10000
10
BCRH62 I nduct ance decrease by current
100000
DC current (mA)
2R9
120
470
500
1000 1500
2000
2500 3000 3500
0
4000
BCRH62B Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
2R9
120
470
SCRH62 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH62 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH62

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH64 BEL-SCRH64 Datasheet
812Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH64-100 BEL-SCRH64-100 Datasheet
812Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH64-101 BEL-SCRH64-101 Datasheet
812Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH64-102 BEL-SCRH64-102 Datasheet
812Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH64-120 BEL-SCRH64-120 Datasheet
812Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH62

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com