Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH73 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH73
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH73 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH73 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH73
123
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH73-100
10
1KHZ
72m
1.68
1.68
SCRH73-120
12
1KHZ
98m
1.52
1.52
SCRH73-150
15
1KHZ
0.13
1.33
1.46
SCRH73-180
18
1KHZ
0.14
1.20
1.44
SCRH73-220
22
1KHZ
0.19
1.07
1.28
SCRH73-270
27
1KHZ
0.21
0.96
1.26
SCRH73-330
33
1KHZ
0.24
0.91
1.18
SCRH73-390
39
1KHZ
0.32
0.77
1.00
SCRH73-470
47
1KHZ
0.36
0.76
0.91
SCRH73-560
56
1KHZ
0.47
0.68
0.81
SCRH73-680
68
1KHZ
0.52
0.61
0.79
SCRH73-820
82
1KHZ
0.69
0.57
0.74
SCRH73-101
100
1KHZ
0.79
0.50
0.65
SCRH73-121
120
1KHZ
0.89
0.49
0.63
SCRH73-151
150
1KHZ
1.29
0.43
0.55
SCRH73-181
180
1KHZ
1.45
0.39
0.51
SCRH73-221
220
1KHZ
1.65
0.35
0.46
SCRH73-271
270
1KHZ
2.31
0.32
0.45
SCRH73-331
330
1KHZ
2.62
0.28
0.40
SCRH73-391
390
1KHZ
2.94
0.26
0.37
SCRH73-471
470
1KHZ
4.18
0.24
0.34
SCRH73-561
560
1KHZ
4.67
0.22
0.31
SCRH73-681
680
1KHZ
5.73
0.19
0.27
SCRH73-821
820
1KHZ
6.54
0.18
0.27
SCRH73-102
1000
1KHZ
9.44
0.16
0.23
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
1
10
100
1000
100
1000
10000
10
BCRH73 I nduct ance decr ease by cur r ent
DC cur r ent ( mA)
10000
100
680
102
500
1000 1500
2000
2500
3000
3500
0
4000
70
BCRH73 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
60
40
20
30
10
100
680
102
SCRH73 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH73 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH73

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B-100 BEL-SCRH73B-100 Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B-101 BEL-SCRH73B-101 Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B-102 BEL-SCRH73B-102 Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B-120 BEL-SCRH73B-120 Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH73

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH8D43 BEL-SCRH8D43 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com