Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

190RTL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 190RTL
Description  Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

190RTL Datasheet(HTML) 4 Page - Vishay Siliconix

  190RTL Datasheet HTML 1Page - Vishay Siliconix 190RTL Datasheet HTML 2Page - Vishay Siliconix 190RTL Datasheet HTML 3Page - Vishay Siliconix 190RTL Datasheet HTML 4Page - Vishay Siliconix 190RTL Datasheet HTML 5Page - Vishay Siliconix 190RTL Datasheet HTML 6Page - Vishay Siliconix 190RTL Datasheet HTML 7Page - Vishay Siliconix 190RTL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
190 RTL
www.vishay.com
Vishay BCcomponents
Revision: 24-Apr-2020
4
Document Number: 28465
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50
100
10 x 12
560
50
0.10
0.175
51101E3
61101E3
31101E3
220
10 x 16
945
113
0.10
0.118
51221E3
61221E3
31221E3
330
10 x 20
1050
168
0.10
0.088
51331E3
61331E3
31331E3
470
12.5 x 20
1320
238
0.10
0.062
51471E3
61471E3
31471E3
680
12.5 x 25
1790
343
0.10
0.053
51681E3
61681E3
31681E3
820
16 x 20
1730
413
0.10
0.043
51821E3
61821E3
31821E3
1000
18 x 20
2330
503
0.10
0.029
51102E3
61102E3
31102E3
1000
16 x 25
1900
503
0.10
0.037
91105E3
91106E3
91103E3
1200
18 x 25
2700
603
0.10
0.026
51122E3
61122E3
31122E3
1200
16 x 31
2530
603
0.10
0.029
91125E3
91126E3
91123E3
1500
16 x 35
2950
753
0.10
0.021
51152E3
61152E3
-
1800
18 x 31
2850
903
0.10
0.025
51182E3
61182E3
31182E3
2200
18 x 35
3150
1103
0.12
0.021
51222E3
61222E3
-
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us
≤ 1.15 x UR
Reverse voltage
Urev
≤ 0.5 V
Current
Leakage current
After 2 min at UR
IL2
≤ 0.01 CR x UR + 3 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 10 mm
Typ. 16 nH
Case Ø D
≥ 12.5 mm
Typ. 18 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δmax. and CR (see Table 2)
ESR = tan
δ/2 π f CR
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
125 °C
(mA)
IL2
2 min
(μA)
tan
δ
100 Hz
Z
100 kHz
(
Ω)
ORDERING CODE
MAL2190.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com