Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

125ALS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 125ALS
Description  Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

125ALS Datasheet(HTML) 4 Page - Vishay Siliconix

  125ALS Datasheet HTML 1Page - Vishay Siliconix 125ALS Datasheet HTML 2Page - Vishay Siliconix 125ALS Datasheet HTML 3Page - Vishay Siliconix 125ALS Datasheet HTML 4Page - Vishay Siliconix 125ALS Datasheet HTML 5Page - Vishay Siliconix 125ALS Datasheet HTML 6Page - Vishay Siliconix 125ALS Datasheet HTML 7Page - Vishay Siliconix 125ALS Datasheet HTML 8Page - Vishay Siliconix 125ALS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
125 ALS
www.vishay.com
Vishay BCcomponents
Revision: 12-May-2021
4
Document Number: 28464
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 3 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 125 series
470 μF / 10 V; ± 20 %
Nominal case size: Ø 6.5 mm x 18 mm; Form BA
Ordering code: MAL212534471E3
Table 3
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 Hz, 105
C
IL5
Max. leakage current after 5 min at UR
tan
Max. dissipation factor at 100 Hz
ESR
Equivalent series resistance at 100 Hz
(calculated from tan
max. and CR)
Z
Max. impedance at 10 kHz or 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL5
5 min
(μA)
tan
100 Hz
ESR
100 Hz
(
)
Z
10 kHz
(
)
ORDERING CODE MAL2125.......
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED
IN BOX
FORM BA
MOUNTING
RING
FORM MR
10
470
6.5 x 18
190
29
0.20
0.564
0.91
-
24471E3
34471E3
-
820
8 x 18
300
37
0.20
0.308
0.43
-
24821E3
34821E3
-
1000
10 x 18
420
40
0.22
0.292
0.35
-
24102E3
34102E3
-
1500
10 x 25
520
50
0.22
0.195
0.2
-
24152E3
34152E3
-
2200
10 x 30
670
64
0.24
0.145
0.26
14222E3
24222E3
-
-
3900
12.5 x 30
890
98
0.26
0.088
0.19
14392E3
24392E3
-
-
4700
15 x 30
1140
114
0.28
0.079
0.13
14472E3
24472E3
-
44472E3
8200
18 x 30
1450
192
0.36
0.056
0.11
14822E3
-
-
44822E3
12 000
18 x 38
1880
260
0.44
0.049
0.074
14123E3
-
-
44123E3
18 000
21 x 38
2200
380
0.56
0.041
0.058
14183E3
-
-
44183E3
16
330
6.5 x 18
180
31
0.16
0.643
1.25
-
25331E3
35331E3
-
560
8 x 18
230
38
0.16
0.379
0.73
-
25561E3
35561E3
-
1000
10 x 18
330
52
0.18
0.239
0.34
-
25102E3
35102E3
-
1200
10 x 25
490
58
0.18
0.199
0.3
-
25122E3
35122E3
-
1800
10 x 30
630
78
0.18
0.133
0.27
15182E3
25182E3
-
-
2700
12.5 x 30
860
106
0.20
0.098
0.19
15272E3
25272E3
-
-
3300
15 x 30
1090
126
0.22
0.088
0.14
15332E3
25332E3
-
45332E3
5600
18 x 30
1420
199
0.26
0.062
0.1
15562E3
-
-
45562E3
6800
18 x 30
1480
238
0.28
0.055
0.1
15682E3
-
-
45682E3
10 000
18 x 38
1930
340
0.36
0.048
0.062
15103E3
-
-
45103E3
15 000
21 x 38
2100
500
0.46
0.041
0.057
15153E3
-
-
45153E3
25
180
6.5 x 18
160
29
0.14
1.032
1.2
-
26181E3
36181E3
-
390
10 x 18
270
40
0.14
0.476
0.55
-
26391E3
36391E3
-
820
10 x 25
440
61
0.14
0.226
0.26
-
26821E3
36821E3
-
1000
10 x 30
580
70
0.16
0.212
0.26
16102E3
26102E3
-
-
2200
12.5 x 30
790
130
0.18
0.109
0.18
16222E3
26222E3
-
-
2700
15 x 30
1320
155
0.18
0.088
0.13
16272E3
26272E3
-
46272E3
3900
18 x 30
1720
215
0.20
0.068
0.1
16392E3
-
-
46392E3
6800
18 x 38
1840
360
0.26
0.051
0.071
16682E3
-
-
46682E3
8200
21 x 38
2100
450
0.30
0.046
0.058
16822E3
-
-
46822E3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com