Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL135-R22 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # MPL135-R22
Description  Big current (55A), Footprint compatible with most standard, Lower temperature rise at big current, Low DCR, Without noise
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MPL135-R22 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  MPL135-R22 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MT2 Relay
The Best Relaytion
108-98006
Rev. C
EC-JM00-0009-03
ECOC: JM10
1. Apr. 04


Similar Part No. - MPL135-R22

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
MPL135-12 BB-BATTERY-MPL135-12 Datasheet
506Kb / 1P
VRLA Rechargeable Battery
More results

Similar Description - MPL135-R22

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DLA-6ID KINGBRIGHT-DLA-6ID Datasheet
178Kb / 4P
20mm BIG LAMP
DLA-6YD KINGBRIGHT-DLA-6YD Datasheet
177Kb / 4P
20mm BIG LAMP
DLC-6SGD KINGBRIGHT-DLC-6SGD Datasheet
175Kb / 4P
20mm BIG LAMP
logo
SunLED Corporation
FUR20D6A SUNLED-FUR20D6A Datasheet
188Kb / 4P
20mm BIG LAMP
logo
MIC GROUP RECTIFIERS
BSOZAA30L MIC-BSOZAA30L Datasheet
20Kb / 1P
BIG SOZA CELL
logo
Mallory performance clu...
556 MALLORY-556 Datasheet
56Kb / 2P
BIG TWIN MOTORCYCLES
logo
Shanghai Lunsure Electr...
BSOZA301 CHENYI-BSOZA301 Datasheet
160Kb / 2P
BIG SOZA CELL
BSOZAA30M CHENYI-BSOZAA30M Datasheet
48Kb / 2P
BIG SOZA CELL
BSOZAA40M CHENYI-BSOZAA40M Datasheet
48Kb / 2P
BIG SOZA CELL
BSOZAA40Z CHENYI-BSOZAA40Z Datasheet
48Kb / 2P
BIG SOZA CELL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com