Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01GR3B Datasheet(PDF) 63 Page - STMicroelectronics

Part # NAND01GR3B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR3B Datasheet(HTML) 63 Page - STMicroelectronics

Back Button NAND01GR3B Datasheet HTML 56Page - STMicroelectronics NAND01GR3B Datasheet HTML 57Page - STMicroelectronics NAND01GR3B Datasheet HTML 58Page - STMicroelectronics NAND01GR3B Datasheet HTML 59Page - STMicroelectronics NAND01GR3B Datasheet HTML 60Page - STMicroelectronics NAND01GR3B Datasheet HTML 61Page - STMicroelectronics NAND01GR3B Datasheet HTML 62Page - STMicroelectronics NAND01GR3B Datasheet HTML 63Page - STMicroelectronics NAND01GR3B Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
NAND01G-B, NAND02G-B
Revision history
63/64
14
Revision history
Table 30.
Document Revision History
Date
Version
Revision Details
25-Feb-2005
1
First Issue
16-Aug-2005
2
Automatic Page 0 Read feature removed throughout document.
LFBGA63 package removed throughout document.
Section 11.2: Data Protection and Figure 22: Equivalent Testing
Circuit for AC Characteristics Measurement added.
TFBGA63 and VFBGA63 packages updated. Note added to Figure 3:
TSOP48 Connections, x8 devices and Table 3: TSOP48 Connections, x8
devices regarding the USOP package.
Section 3.8: Write Enable (W), Table 11, Table 12, Table 14,
Section 7.4: Block Lock Status, Figure 18, Table 20, Table 22,
Table 23, Table 25 and Table 30 modified.
18-Oct-2005
3
512 device and USOP package removed throughout document.
Figure 3, <Blue>Figure 5., Table 22, Table 23 and Section 6.4: Copy
Back Program modified.
13-Feb-2006
4.0
4 Gbit and 8 Git devices removed.
VIH minimum value and VIL maximum value updated in Table 23: DC
Characteristics, 3V Devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com