Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC-12-U Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # TC-12-U
Description  Protective cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

TC-12-U Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  TC-12-U Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Protective cover
TC-12-U
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Dimensions
Technical data
Mechanical specifications
Material
PTFE
M12 x 1
ø16.1
Model Number
TC-12-U
PTFE protection cap for 12 mm diame-
ter
Features
• Protection against mechanical dam-
age and welding splash
• Increasing of degree of protection in
front of the sensor possible


Similar Part No. - TC-12-U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TC-10-01B VISHAY-TC-10-01B Datasheet
477Kb / 4P
Through Hole Transformers Converter
02-Mar-12
TC-10-02B VISHAY-TC-10-02B Datasheet
477Kb / 4P
Through Hole Transformers Converter
02-Mar-12
TC-10-03B VISHAY-TC-10-03B Datasheet
477Kb / 4P
Through Hole Transformers Converter
02-Mar-12
TC-10-04B VISHAY-TC-10-04B Datasheet
477Kb / 4P
Through Hole Transformers Converter
02-Mar-12
TC-10-05B VISHAY-TC-10-05B Datasheet
477Kb / 4P
Through Hole Transformers Converter
02-Mar-12
More results

Similar Description - TC-12-U

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-082 GLENAIR-660-082 Datasheet
176Kb / 1P
Protective Cover
logo
Picker Components
SSR100 PICKER-SSR100 Datasheet
314Kb / 1P
Protective Cover
logo
Pepperl+Fuchs Inc.
TC-18-U PF-TC-18-U Datasheet
91Kb / 1P
Protective cover
SH-BT43-F25-01 PF-SH-BT43-F25-01 Datasheet
434Kb / 1P
Protective cover
SH-BT65-F31 PF-SH-BT65-F31 Datasheet
773Kb / 1P
Protective cover
SH-BT65-F31K2 PF-SH-BT65-F31K2 Datasheet
656Kb / 1P
Protective cover
SH-F31K2-B13 PF-SH-F31K2-B13 Datasheet
400Kb / 1P
Protective cover
SH-F31K2-B32 PF-SH-F31K2-B32 Datasheet
481Kb / 1P
Protective cover
SH-F35 PF-SH-F35 Datasheet
209Kb / 2P
Protective cover
VOS5000-LE-COV47 PF-VOS5000-LE-COV47 Datasheet
794Kb / 1P
Protective cover
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com