Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF82 Datasheet(PDF) 1 Page - Schneider Electric

Part # DF82
Description  Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF82 Datasheet(HTML) 1 Page - Schneider Electric

  DF82 Datasheet HTML 1Page - Schneider Electric DF82 Datasheet HTML 2Page - Schneider Electric DF82 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
DF82
Fuse carrier TeSys DF, 2P 25A, fuse size
8.5x31.5 mm
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 20.40 USD
Main
Range
TeSys
Product name
TeSys DF
Product or component type
Fuse carrier
Device short name
DF8
Product compatibility
DF2BA fuse cartridge
DF2BN fuse cartridge
Poles description
2P
Fuse size
8.3 x 31.5 mm
Fuse type
, gG
, aM
Control type
Toggle padlockable
Utilisation category
AC-20B IEC 60947-3
[Ue] rated operational voltage
400 V AC
[Ie] rated operational current
25 A 400 V AC
[Ith] conventional free air thermal
current
25 A 68 °F (20 °C)
[Ui] rated insulation voltage
500 V AC
[Uimp] rated impulse withstand voltage
6 kV
Overvoltage category
III
Short-circuit withstand
20 kA 400 V IEC 60947-3
Power dissipation in W
2.5 W maximum power dissipation by fuse
Complementary
Standards
EN/IEC 60947-3
EN/IEC 60269-2
Product certifications
IEC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jul 12, 2021
1


Similar Part No. - DF82

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF82 ETC-DF82 Datasheet
9Kb / 1P
DF82 is a static, master-slave D flip-flop with 2x drive strength
logo
Schneider Electric
DF82 SCHNEIDER-DF82 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF82V SCHNEIDER-DF82V Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF82V SCHNEIDER-DF82V Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
May 30, 2022
DF82V SCHNEIDER-DF82V_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
May 30, 2022
More results

Similar Description - DF82

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF83N SCHNEIDER-DF83N Datasheet
114Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF83 SCHNEIDER-DF83 Datasheet
107Kb / 3P
Fuse carrier TeSys DF, 3P 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF82V SCHNEIDER-DF82V Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF81V SCHNEIDER-DF81V Datasheet
91Kb / 3P
Fuse carrier TeSys DF, 1P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF81N SCHNEIDER-DF81N Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF82V SCHNEIDER-DF82V_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
May 30, 2022
DF81N SCHNEIDER-DF81N_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF82 SCHNEIDER-DF82_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF83N SCHNEIDER-DF83N_V01 Datasheet
127Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF83 SCHNEIDER-DF83_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com