Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD44H11IP Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MJD44H11IP
Description  Designed for general purpose power and switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MJD44H11IP Datasheet(HTML) 1 Page - Rectron Semiconductor

  MJD44H11IP Datasheet HTML 1Page - Rectron Semiconductor MJD44H11IP Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Marking code
MJD44H11
Silicon NPN POWER triode
1
base
2
collector 3
emitter
Ouline example
encapsulation mode
TO-251/TO-252
Designed for general purpose power and switching
Maximum ratings(Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Emitter Breakdown Voltage
VCEO
80
V
Emitter-Base Breakdown Voltage
VEBO
5V
Collector Current
IC
8A
Collector Power Dissipation
PC
20
W
Junction Temperatuye
TJ
Storage Temperatuye
Tstg
Electrical Characteristics (Ta=25
unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Max
Unit
Collector Emitter Sustaining Voltage VCEO(sus)
IC=30A IB=0
80
V
Emitter-Base Breakdown Voltage
VEBO
IE=100uA IC=0
5
V
Collector Cutoff Current
ICES
VCE=80V VBE=0
1
mA
Emitter Cutoff Current
IEBO
VCE=5V IB=0
5
mA
Collector-Emitter Saturation Voltage
VCE(sat) IC=5A IB=0.5A
1.5
V
Collector-Base Saturation Voltage
VBE(sat) IC=5A IB=0.5A
2
V
DC Current Gain
HFE
VCE=5V IC=1A
65
350
transition frequency
fT
VCE=5V IC=1A f=3MHz
10
MHz
MJD44H11
2019-02/17
REV:
P/N suffix V means Halogen-free
C
P/N suffix V means AEC-Q101 qualified, e.g:MJD44H11V
Device
Device Package
MJD44H11
TO252
MJD44H11IP
TO251


Similar Part No. - MJD44H11IP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
STMicroelectronics
MJD44H11 STMICROELECTRONICS-MJD44H11 Datasheet
64Kb / 5P
COMPLEMENTARY SILICON PNP TRANSISTORS
Jul-1997
logo
Fairchild Semiconductor
MJD44H11 FAIRCHILD-MJD44H11 Datasheet
36Kb / 4P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD44H11 STMICROELECTRONICS-MJD44H11 Datasheet
152Kb / 5P
COMPLEMENTARY SILICON PNP TRANSISTORS
May-2003
More results

Similar Description - MJD44H11IP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH44H11TF FAIRCHILD-KSH44H11TF Datasheet
46Kb / 5P
General Purpose Power and Switching
logo
E-Tech Electronics LTD
G2N3904 ETL-G2N3904 Datasheet
131Kb / 2P
The G2N3904 is designed for general purpose switching and amplifier applications.
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
The G2N3906 is designed for general purpose switching and amplifier applications
G2N4401 ETL-G2N4401 Datasheet
132Kb / 2P
The G2N4401 is designed for general purpose switching and amplifier applications.
G2N4403 ETL-G2N4403 Datasheet
113Kb / 2P
The G2N4403 is designed for general purpose switching and amplifier applications.
G2N5551 ETL-G2N5551 Datasheet
154Kb / 3P
The G2N5551 is designed for general purpose switching and amplifier applications.
G705SD ETL-G705SD Datasheet
250Kb / 2P
The G705SD is designed for general purpose detection and high speed switching
G1270 ETL-G1270 Datasheet
171Kb / 2P
The G1270 is designed for general purpose switching and amplifier applications
G6718 ETL-G6718 Datasheet
162Kb / 2P
The G6718 is designed for general purpose medium power amplifier and switching applications
logo
Rectron Semiconductor
MJD45H11 RECTRON-MJD45H11 Datasheet
301Kb / 2P
Designed for general purpose power and switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com