Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH74B Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH74B
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH74B Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH74B Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH74B
136
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2. Excellent Power Density
3. Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH74B-100
10
1KHZ
65m
1.84
2.40
SCRH74B-120
12
1KHZ
67m
1.71
2.21
SCRH74B-150
15
1KHZ
81m
1.47
2.09
SCRH74B-180
18
1KHZ
0.11
1.31
1.81
SCRH74B-220
22
1KHZ
0.13
1.23
1.73
SCRH74B-270
27
1KHZ
0.15
1.12
1.60
SCRH74B-330
33
1KHZ
0.17
0.96
1.36
SCRH74B-390
39
1KHZ
0.23
0.91
1.26
SCRH74B-470
47
1KHZ
0.26
0.88
1.18
SCRH74B-560
56
1KHZ
0.35
0.75
1.05
SCRH74B-680
68
1KHZ
0.38
0.69
1.04
SCRH74B-820
82
1KHZ
0.43
0.61
0.91
SCRH74B-101
100
1KHZ
0.61
0.60
0.75
SCRH74B-121
120
1KHZ
0.66
0.52
0.70
SCRH74B-151
150
1KHZ
0.88
0.46
0.65
SCRH74B-181
180
1KHZ
0.98
0.42
0.60
SCRH74B-221
220
1KHZ
1.17
0.36
0.55
SCRH74B-271
270
1KHZ
1.64
0.34
0.55
SCRH74B-331
330
1KHZ
1.86
0.32
0.47
SCRH74B-391
390
1KHZ
2.85
0.29
0.42
SCRH74B-471
470
1KHZ
3.01
0.26
0.38
SCRH74B-561
560
1KHZ
3.62
0.23
0.32
SCRH74B-681
680
1KHZ
4.63
0.22
0.30
SCRH74B-821
820
1KHZ
5.20
0.20
0.25
SCRH74B-102
1000
1KHZ
6.00
0.18
0.25
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
(3)
(4)
MARKING
1
10
100
1000
100
1000
10000
10
BCRH74B I nduct ance decrease by current
100000
DC current (mA)
10000
102
101
100
500
1000 1500
2000
2500
3000
3500
0
4000
BCRH74B Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
4500
100
101
102
SCRH74B Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH74B Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH74B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCRH74 ETC2-SCRH74 Datasheet
233Kb / 1P
SMD POWER INDUCTORS
logo
Bel Fuse Inc.
SCRH74 BEL-SCRH74 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
logo
List of Unclassifed Man...
SCRH74-100 ETC2-SCRH74-100 Datasheet
233Kb / 1P
SMD POWER INDUCTORS
logo
Bel Fuse Inc.
SCRH74-100 BEL-SCRH74-100 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
logo
List of Unclassifed Man...
SCRH74-101 ETC2-SCRH74-101 Datasheet
233Kb / 1P
SMD POWER INDUCTORS
More results

Similar Description - SCRH74B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com