Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH103R Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH103R
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH103R Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH103R Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH103R
148
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part NumSer
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH103R-100
10
100KHZ
58m
2.70
2.75
SCRH103R-120
12
100KHZ
72m
2.25
2.48
SCRH103R-150
15
100KHZ
86m
2.22
2.24
SCRH103R-180
18
100KHZ
116m
1.90
2.00
SCRH103R-220
22
100KHZ
145m
1.78
1.80
SCRH103R-270
27
100KHZ
175m
1.63
1.62
SCRH103R-330
33
100KHZ
213m
1.45
1.46
SCRH103R-390
39
100KHZ
268m
1.32
1.32
SCRH103R-470
47
100KHZ
298m
1.18
1.30
SCRH103R-560
56
100KHZ
335m
1.10
1.08
SCRH103R-680
68
100KHZ
451m
1.04
1.00
SCRH103R-820
82
100KHZ
513m
0.94
0.98
SCRH103R-101
100
100KHZ
700m
0.84
0.92
SCRH103R-121
120
100KHZ
765m
0.76
0.88
SCRH103R-151
150
100KHZ
876m
0.70
0.73
(1). Inductance tolerance
±30% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 35% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
0. 1
1
10
100
1000
100
1000
10000
10
BCRH103R I nduct ance decr ease by cur r ent
DC cur r ent ( mA)
151
470
100
(3)
(4)
SCRH103R Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH103R Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH103R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH1035R BEL-SCRH1035R Datasheet
781Kb / 1P
SMD POWER INDUCTORS
SCRH1035R-100 BEL-SCRH1035R-100 Datasheet
781Kb / 1P
SMD POWER INDUCTORS
SCRH1035R-101 BEL-SCRH1035R-101 Datasheet
781Kb / 1P
SMD POWER INDUCTORS
SCRH1035R-120 BEL-SCRH1035R-120 Datasheet
781Kb / 1P
SMD POWER INDUCTORS
SCRH1035R-121 BEL-SCRH1035R-121 Datasheet
781Kb / 1P
SMD POWER INDUCTORS
More results

Similar Description - SCRH103R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com