Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH104 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH104
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH104 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH104 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH104
125
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH104-1R0
1.0
100KHZ
14m
8.50
7.00
SCRH104-1R5
1.5
100KHZ
17m
8.00
5.80
SCRH104-2R2
2.2
100KHZ
24m
7.50
5.20
SCRH104-3R3
3.3
100KHZ
29m
7.00
4.68
SCRH104-4R7
4.7
100KHZ
32m
6.00
4.22
SCRH104-6R8
6.8
100KHZ
44m
5.00
3.60
SCRH104-100
10
100KHZ
50m
2.40
3.40
SCRH104-120
12
100KHZ
54m
2.25
3.00
SCRH104-150
15
100KHZ
69m
2.00
2.70
SCRH104-180
18
100KHZ
84m
1.80
2.40
SCRH104-220
22
100KHZ
94m
1.65
2.16
SCRH104-270
27
100KHZ
0.11
1.45
1.95
SCRH104-330
33
100KHZ
0.15
1.35
1.76
SCRH104-390
39
100KHZ
0.17
1.20
1.59
SCRH104-470
47
100KHZ
0.21
1.10
1.52
SCRH104-560
56
100KHZ
0.23
1.00
1.40
SCRH104-680
68
100KHZ
0.29
0.93
1.17
SCRH104-820
82
100KHZ
0.36
0.84
1.06
SCRH104-101
100
100KHZ
0.41
0.76
0.96
SCRH104-121
120
100KHZ
0.45
0.70
0.87
SCRH104-151
150
100KHZ
0.64
0.63
0.79
SCRH104-181
180
100KHZ
0.84
0.57
0.72
SCRH104-221
220
100KHZ
0.86
0.52
0.65
SCRH104-271
270
100KHZ
1.07
0.47
0.59
SCRH104-331
330
100KHZ
1.37
0.43
0.54
SCRH104-391
390
100KHZ
1.55
0.39
0.49
SCRH104-471
470
100KHZ
1.74
0.36
0.44
(1). Inductance tolerance for 1.0uH~6.8uH:
±30%, for 10uH~470uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
0. 1
1
10
100
1000
100
1000
10000
10
BCRH104 I nduct ance decrease by current
100000
471
470
1R0
DC current (mA)
1000 2000 3000
4000
5000 6000 7000
0
8000
BCRH104 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
9000
470
471
1R0
SCRH104 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH104 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCRH104R ETC2-SCRH104R Datasheet
237Kb / 2P
SMD POWER INDUCTORS
logo
Bel Fuse Inc.
SCRH104R BEL-SCRH104R Datasheet
924Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
logo
List of Unclassifed Man...
SCRH104R-100 ETC2-SCRH104R-100 Datasheet
237Kb / 2P
SMD POWER INDUCTORS
logo
Bel Fuse Inc.
SCRH104R-100 BEL-SCRH104R-100 Datasheet
924Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
logo
List of Unclassifed Man...
SCRH104R-101 ETC2-SCRH104R-101 Datasheet
237Kb / 2P
SMD POWER INDUCTORS
More results

Similar Description - SCRH104

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH8D43 BEL-SCRH8D43 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com