Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH104R Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH104R
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH104R Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH104R Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH104R
150
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH104R-1R0
1.0
100KHZ
8.1m
10.1
9.00
SCRH104R-1R5
1.5
100KHZ
8.1m
10.0
10.0
SCRH104R-2R5
2.5
100KHZ
10m
7.50
7.50
SCRH104R-3R3
3.3
100KHZ
15m
7.00
6.70
SCRH104R-3R8
3.8
100KHZ
15m
6.00
6.00
SCRH104R-4R7
4.7
100KHZ
22m
5.80
5.40
SCRH104R-5R2
5.2
100KHZ
22m
5.70
5.10
SCRH104R-5R8
5.8
100KHZ
22m
5.50
4.84
SCRH104R-7R0
7.0
100KHZ
27m
4.80
4.59
SCRH104R-100
10
100KHZ
35m
4.40
4.36
SCRH104R-150
15
100KHZ
50m
3.60
3.10
SCRH104R-220
22
100KHZ
73m
2.90
2.70
SCRH104R-330
33
100KHZ
117m
2.30
2.10
SCRH104R-470
47
100KHZ
128m
2.10
1.90
SCRH104R-680
68
100KHZ
265m
1.50
1.42
SCRH104R-101
100
100KHZ
304m
1.35
1.25
SCRH104R-151
150
100KHZ
506m
1.15
0.93
SCRH104R-221
220
100KHZ
756 m
0.92
0.70
SCRH104R-331
330
100KHZ
1.09
0.70
0.63
(1). Inductance tolerance
±30% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 35% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
(3)
(4)
10
100
1000
100
1000
10000
BCRH104R I nduct ance decrease by current
100000
DC current (mA)
1
0. 1 10
331
100
1R0
BCRH104R Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000 2000 3000
7000
5000
8000
0
9000 10000 11000
331
100
1R0
SCRH104R Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH104R Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH104R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCRH104R ETC2-SCRH104R Datasheet
237Kb / 2P
SMD POWER INDUCTORS
SCRH104R-100 ETC2-SCRH104R-100 Datasheet
237Kb / 2P
SMD POWER INDUCTORS
SCRH104R-101 ETC2-SCRH104R-101 Datasheet
237Kb / 2P
SMD POWER INDUCTORS
SCRH104R-150 ETC2-SCRH104R-150 Datasheet
237Kb / 2P
SMD POWER INDUCTORS
SCRH104R-151 ETC2-SCRH104R-151 Datasheet
237Kb / 2P
SMD POWER INDUCTORS
More results

Similar Description - SCRH104R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com