Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LLC-S203B-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 47LLC-S203B-R
Description  Digital Panel Meters 47 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LLC-S203B-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  47LLC-S203B-R Datasheet HTML 1Page - M-System Co.,Ltd. 47LLC-S203B-R Datasheet HTML 2Page - M-System Co.,Ltd. 47LLC-S203B-R Datasheet HTML 3Page - M-System Co.,Ltd. 47LLC-S203B-R Datasheet HTML 4Page - M-System Co.,Ltd. 47LLC-S203B-R Datasheet HTML 5Page - M-System Co.,Ltd. 47LLC-S203B-R Datasheet HTML 6Page - M-System Co.,Ltd. 47LLC-S203B-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: 47LLC
47LLC SPECIFICATIONS
ES-9505 Rev.8 Page 1/7
http://www.m-system.co.jp/
Digital Panel Meters 47 Series
STRAIN GAUGE INPUT DIGITAL PANEL METER
(4½ digit, LED display type)
Functions & Features
• 4½ digit strain gauge input digital panel meter
• 1/8 DIN size
• Moving average function to suppress the display flickering
• Scaling, tare adjustment, low-end cutout
• Max. and Min. value display
• Safety terminal cover tethered to the device with a strap
• IP66 front panel
• Separable terminal block
Alarm/
Scale/
Max/Min
Shift
Up
Zro
Spn
D/P
Tch
Fnc
Min Max
HH
H
P
L
LL
48
(1.89)
mm (inch)
96 (3.78)
98.5 (3.88)
MODEL: 47LLC-[1][2][3][4]-[5][6]
ORDERING INFORMATION
• Code number: 47LLC-[1][2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. 47LLC-S101G-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
[1] INPUT STRAIN GAUGE
S1: 0.0 – 1.0 mV/V
S2: 0.0 – 3.0 mV/V
S3: 0.0 – 10.0 mV/V
S4: 0.0 – 30.0 mV/V
[2] DC OUTPUT
0: Without
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
D: 0 – 20 mA DC (Load resistance 550 Ω max.)
Voltage
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
[3] ALARM OUTPUT
0: None
1: N.O. relay contact, 4 points
2: SPDT relay contact, 2 points
3: Photo MOSFET relay, N.O., 4 points
[4] DISPLAY COLOR
R: Red
YR: Orange
G: Green
BG: Bluegreen
B: Blue
W: White
[5] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 50/60 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[6] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
Moving parts and indicators are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-9505)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP66; applicable to the front of the
panel meter mounted according to the specified panel
cutout
Connection: M3 separable screw terminal (torque 0.6 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (gray)
Isolation: Strain gauge input or excitation or contact input or
SG to DC output to HH output or H output to L output or LL


Similar Part No. - 47LLC-S203B-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
47L04 MICROCHIP-47L04 Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
logo
International Rectifier
47L120D IRF-47L120D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
logo
Microchip Technology
47L16 MICROCHIP-47L16 Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
logo
International Rectifier
47L160D IRF-47L160D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
logo
Microchip Technology
47L16T-I MICROCHIP-47L16T-I Datasheet
556Kb / 40P
4K/16K I2C Serial EERAM
06/23/16
More results

Similar Description - 47LLC-S203B-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
Digital Panel Meters 47 Series
47LT MSYSTEM-47LT Datasheet
193Kb / 8P
Digital Panel Meters 47 Series
47LR MSYSTEM-47LR Datasheet
188Kb / 7P
Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
Digital Panel Meters 47 Series
47LM MSYSTEM-47LM Datasheet
177Kb / 7P
Digital Panel Meters 47 Series
47LCT MSYSTEM-47LCT Datasheet
182Kb / 7P
Digital Panel Meters 47 Series
47DV MSYSTEM-47DV Datasheet
554Kb / 13P
Digital Panel Meters 47 Series
47DR MSYSTEM-47DR Datasheet
521Kb / 12P
Digital Panel Meters 47 Series
47DM MSYSTEM-47DM Datasheet
510Kb / 12P
Digital Panel Meters 47 Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com