Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2CEC-1250E-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2CEC-1250E-R
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2CEC-1250E-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2CEC-1250E-R Datasheet HTML 1Page - M-System Co.,Ltd. M2CEC-1250E-R Datasheet HTML 2Page - M-System Co.,Ltd. M2CEC-1250E-R Datasheet HTML 3Page - M-System Co.,Ltd. M2CEC-1250E-R Datasheet HTML 4Page - M-System Co.,Ltd. M2CEC-1250E-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: M2CEC
M2CEC SPECIFICATIONS
ES-5052 Rev.3 Page 3/5
http://www.m-system.co.jp/
Be sure that the input voltage is of 440 V or less.
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max.; at ≥ 0.5 V
INSTALLATION
Power Consumption
•AC:
Approx. 3 VA at 100 V
Approx. 4 VA at 200 V
Approx. 5 VA at 264 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 % (±1.0 % at 400 Hz)
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Response time: ≤ 0.7 sec. (0 – 90 %)
Ripple: 0.5 %p-p max. (50/60 Hz)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to power to ground)
1000 V AC @1 minute
(sensor core to sensor output)
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
9
21.5 (.85)
84 (3.31)
10 (.39)
15 (.59)
6 (.23)
DIN RAIL
35mm wide
[4 (.16)]
8–M3
SCREW
23 (.91)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
114 (4.49)
• When mounting, no extra space is needed between units.
4
8
12
14 13
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com