Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LLC-S403B-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 47LLC-S403B-R
Description  Digital Panel Meters 47 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LLC-S403B-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  47LLC-S403B-R Datasheet HTML 1Page - M-System Co.,Ltd. 47LLC-S403B-R Datasheet HTML 2Page - M-System Co.,Ltd. 47LLC-S403B-R Datasheet HTML 3Page - M-System Co.,Ltd. 47LLC-S403B-R Datasheet HTML 4Page - M-System Co.,Ltd. 47LLC-S403B-R Datasheet HTML 5Page - M-System Co.,Ltd. 47LLC-S403B-R Datasheet HTML 6Page - M-System Co.,Ltd. 47LLC-S403B-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: 47LLC
47LLC SPECIFICATIONS
ES-9505 Rev.8 Page 2/7
http://www.m-system.co.jp/
output to power
Excitation: 2.5 V, 5 V, 7.5 V or 10 V selectable (front)
Tare adjustment: Via the front button control or by the
external contact input
Setting: (Front button)
• Scaled range
• Alarm setpoint
• Hysteresis (deadband)
• Moving average
• Others
(Refer to the instruction manual for details)
Read rate: 40 times/sec. (25 msec.)
Averaging: None or moving average
Lockout setting: Prohibiting certain operations; protecting
settings
DISPLAY
Display: 16 mm (.63) high, 4 ½ digits, 7-segment LED
Display range: -19999 to 19999
Decimal point position: 10–1, 10–2, 10–3, 10–4 or none
Zero indication: Higher-digit zeros are suppressed.
Over-range indication: ‘-19999’ or ‘19999’ blinking for
display values out of the scaled range.
‘S.ERR’ and ‘Max’ blinking when the input signal is out of
the usable range.
Alarm status indication
LL indicator: Green LED turns on when the LL alarm is
tripped.
L indicator: Green LED turns on when the L alarm is
tripped.
H indicator: Red LED turns on when the H alarm is tripped.
HH indicator: Red LED turns on when the HH alarm is
tripped.
P indicator: Amber LED turns on when none of the other
alarms is tripped.
Only ‘P’ turns on with no-alarm-output type. ‘LL’ or ‘HH’
does not turn on with dual-alarm-output type.
All setpoints can be independently set either for Hi or Lo
alarm trip.
Function indicators:
Zro, Spn, D/P, Tch, Fnc, Min, Max
Display mode status and operation status, amber ON or
blink
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, min-1, pH, %, ppm, etc.
INPUT SPECIFICATIONS
■ Strain Gauge Input
• Strain Gauge: Refer to the next table
• Excitation: 2.5 V, 5 V, 7.5 V or 10 V selectable
Maximum current: 120 mA
Load resistance: ≥ 85 Ω
Default setting: 2.5 V
■ Tare Command Input: TTL level (5V-CMOS level), open
collector or dry contact
(saturation voltage ≤ 1 V, sink current 0.5 mA)
TYPE
STRAIN GAUGE RATING
ZERO ADJUSTMENT
S1
0.0 – 1.0mV/V
-10.00 – +10.00mV
S2
0.0 – 3.0mV/V
-30.00 – +30.00mV
S3
0.0 – 10.0mV/V
-100.0 – +100.0mV
S4
0.0 – 30.0mV/V
-300.0 – +300.0mV
Note 1: Choose Type S2 for the strain gauge rating 2.0mV/V with the
excitation voltage 10V.
For detailed information, refer to “Input Scaling Values A/B v.s.
Tare Adjustment” under “PARAMETER LIST” on the instruction manual.
Note 2: Consult factory for use with a compression/tension load cells.
SPAN
INPUT VOLTAGE
1.00 – 10.00mV
-10.00 – +20.00mV
3.00 – 30.00mV
-30.00 – +60.00mV
10.0 – 100.0mV
-100.0 – +200.0mV
30.0 – 300.0mV
-300.0 – +600.0mV
TYPE
S1
S2
S3
S4
OUTPUT SPECIFICATIONS
■ DC Output
• DC Current
Operational range: -5 – +105 %
• DC Voltage
Operational range: -5 – +105 %
■ Alarm Output
• Relay contact
Rated load: 250 V AC @ 3 A (cos ø = 1)
30 V DC @ 3 A (resistive load)
Maximum switching voltage: 250 V AC, 30 V DC
Maximum switching power: 750 VA, 90 W (resistive load)
Minimum load: 5 V DC @ 10 mA
Mechanical life: ≥ 5 × 106 cycles (rate 180 cycles/min.)
• Photo MOSFET Relay
Rating: 120 V AC/DC @ 80 mA (resistive load)
ON resistance: ≤ 30 Ω
Permissible: 250 mW
INSTALLATION
Power consumption
•AC:
Approx. 9 VA at 100 V
Approx. 12 VA at 200 V
Approx. 13 VA at 264 V
•DC: Approx. 5 W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com