Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2CEC-1400E-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2CEC-1400E-R
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2CEC-1400E-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2CEC-1400E-R Datasheet HTML 1Page - M-System Co.,Ltd. M2CEC-1400E-R Datasheet HTML 2Page - M-System Co.,Ltd. M2CEC-1400E-R Datasheet HTML 3Page - M-System Co.,Ltd. M2CEC-1400E-R Datasheet HTML 4Page - M-System Co.,Ltd. M2CEC-1400E-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: M2CEC
M2CEC SPECIFICATIONS
ES-5052 Rev.3 Page 1/5
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
AC CURRENT TRANSMITTER
(clamp-on current sensor)
Functions & Features
• Converts an alternating current into a standard
process signal
• Easy-to-install clamp-on type current sensor with no need
of a current transformer
• Clamp-on current sensor included
• Wide input range from 10A up to 600A
• Input frequency 50 / 60 / 400 Hz
• Over-voltage clamp element for safety in open circuit
• True RMS sensing
• Universal power input
• High-density mounting
Typical Applications
• Centralized monitoring and control of motors at a
supervisory panel
• Monitoring abnormal load current at motors to detect
pump malfunctions
Model
SPAN
ZERO
23 (.91)
76
(2.99)
124
(4.88)
mm (inch)
MODEL: M2CEC-[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: M2CEC-[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. M2CEC-150A-M/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] SENSOR
1: Leadwire type CLSA
2: Screw terminal type CLSB
[2] INPUT
10: 0 – 10 A AC
15: 0 – 15 A AC
20: 0 – 20 A AC
30: 0 – 30 A AC
40: 0 – 40 A AC
50: 0 – 50 A AC
60: 0 – 60 A AC
75: 0 – 75 A AC
100: 0 – 100 A AC
125: 0 – 125 A AC
150: 0 – 150 A AC
175: 0 – 175 A AC
200: 0 – 200 A AC
225: 0 – 225 A AC
250: 0 – 250 A AC
300: 0 – 300 A AC
350: 0 – 350 A AC
400: 0 – 400 A AC
500: 0 – 500 A AC
600: 0 – 600 A AC (Not selectable with the sensor type
code 1 'Leadwire type CLSA')
[3] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[4] POWER INPUT
AC Power
M: 85 – 264 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)


Similar Part No. - M2CEC-1400E-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2CE MSYSTEM-M2CE Datasheet
116Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2CE-11-M MSYSTEM-M2CE-11-M Datasheet
116Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2CE-11-M/CE MSYSTEM-M2CE-11-M/CE Datasheet
116Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2CE-11-M/N MSYSTEM-M2CE-11-M/N Datasheet
116Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2CE-11-M/Q MSYSTEM-M2CE-11-M/Q Datasheet
116Kb / 3P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2CEC-1400E-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com