Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F340X2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # F340X2
Description  THB Grade IIIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F340X2 Datasheet(HTML) 4 Page - Vishay Siliconix

  F340X2 Datasheet HTML 1Page - Vishay Siliconix F340X2 Datasheet HTML 2Page - Vishay Siliconix F340X2 Datasheet HTML 3Page - Vishay Siliconix F340X2 Datasheet HTML 4Page - Vishay Siliconix F340X2 Datasheet HTML 5Page - Vishay Siliconix F340X2 Datasheet HTML 6Page - Vishay Siliconix F340X2 Datasheet HTML 7Page - Vishay Siliconix F340X2 Datasheet HTML 8Page - Vishay Siliconix F340X2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
F340X2 305VAC
www.vishay.com
Vishay BCcomponents
Revision: 11-Oct-2019
4
Document Number: 26074
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING
Normal Use
The capacitor unit is designed for mounting on printed-circuit boards. The capacitors packed in bandoleers are designed for
mounting in printed-circuit boards by means of automatic insertion machines.
For detailed tape specifications refer to packaging information www.vishay.com/docs?28139
Specific Method of Mounting to Withstand Vibration and Shock
The capacitor unit is designed for mounting on a printed-circuit board. In order to withstand vibration and shock tests, it must
be ensured that the stand-off pips are in good contact with the printed-circuit board. The capacitor shall be mechanically fixed
by the leads and the body clamped.
Dimensions Tolerances
For the maximum product dimensions for length (lmax.), width (wmax.), and height (hmax.) use the following tolerances:
lmax. = l + l, wmax. = w + w, and hmax. = h + h
• For products with pitch = 27.5 mm,
w = l = h = 0.7 mm
• For products with pitch = 37.5 mm,
w = l = h = 0.7 mm
• For products with pitch = 52.5 mm,
w = l = h = 1.0 mm
For the minimum product dimensions for length (lmin.), width (wmin.) and height (hmin.) following tolerances of the components
are valid:
lmin. = l - l, wmin. = w - w, and hmin. = h - h
• For products with pitch = 27.5 mm,
w = l = h = 1.0 mm
• For products with pitch = 37.5 mm,
w = l = h = 1.0 mm
• For products with pitch = 52.5 mm,
w = l = h = 1.5 mm
Space Requirements for Printed-Circuit Board
For product height with seating plane as given by “IEC 60717” as reference.
The maximum space for length (lmax.), width (wmax.), and height (hmax.) of film capacitors to take in account on the printed-circuit
board is shown in the drawings.
• For products with pitch = 27.5 mm,
w = l = h = 0.7 mm
• For products with pitch = 37.5 mm,
w = l = h = 0.7 mm
• For products with pitch = 52.5 mm,
w = l = h = 1.0 mm
Eccentricity defined as in drawing. The maximum eccentricity is smaller than or equal to the lead diameter of the product
concerned.
The maximum length and width of film capacitors is shown in the figure:
SOLDERING CONDITIONS
For general soldering conditions and wave soldering profile we refer to the document “Soldering Guidelines for Film
Capacitors”: www.vishay.com/doc?28171
STORAGE TEMPERATURE
Tstg = -25 °C to +35 °C with RH maximum 75 % without condensation
RATINGS AND CHARACTERISTICS REFERENCE CONDITIONS
Unless otherwise specified. all electrical values apply to an ambient temperature of 23 °C ± 1°C. an atmospheric pressure of
86 kPa to 106 kPa and a relative humidity of 50 % ± 2 %.
For reference testing. a conditioning period shall be applied over 96 hours ± 4 hours by heating the products in a circulating air
oven at the rated temperature and a relative humidity not exceeding 20 %.
CBA116
Eccentricity
w
max. = w + Δw
h
max. = h + Δh
I
max. = I + ΔI
Seating plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com