Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F339X2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # F339X2
Description  THB Grade IIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F339X2 Datasheet(HTML) 4 Page - Vishay Siliconix

  F339X2 Datasheet HTML 1Page - Vishay Siliconix F339X2 Datasheet HTML 2Page - Vishay Siliconix F339X2 Datasheet HTML 3Page - Vishay Siliconix F339X2 Datasheet HTML 4Page - Vishay Siliconix F339X2 Datasheet HTML 5Page - Vishay Siliconix F339X2 Datasheet HTML 6Page - Vishay Siliconix F339X2 Datasheet HTML 7Page - Vishay Siliconix F339X2 Datasheet HTML 8Page - Vishay Siliconix F339X2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
F339X2 305VAC
www.vishay.com
Vishay BCcomponents
Revision: 14-Aug-2019
4
Document Number: 26072
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
305
PITCH = 15.0 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 10 %
0.1
7.0 x 13.5 x 17.5
1.8
41030KFP2B0
41030KFM2B0
750
41030KFI2B0
500
41030KF02W0
800
0.12
8.5 x 15.0 x 17.5
2.4
41230KFP2B0
41230KFM2B0
750
41230KFI2B0
500
41230KF02W0
650
0.15
41530KFP2B0
41530KFM2B0
41530KFI2B0
41530KF02W0
0.18
41830KFP2B0
41830KFM2B0
41830KFI2B0
41830KF02W0
0.22
10.0 x 16.5 x 17.5
3.0
42230KFP2B0
42230KFM2B0
500
42230KFI2B0
450
42230KF02W0
600
0.27
42730KFP2B0
42730KFM2B0
42730KFI2B0
42730KF02W0
0.33
10.5 x 17.5 x 18.0
3.9
43330KFP2B0
43330KFM2B0
225
43330KFI2B0
400
43330KF02W0
0.39
11.0 x 18.5 x 18
4.1
43930KFP2B0
43930KFM2B0
225
43930KFI2B0
350
43930KF02W0
550
0.47
13.5 x 22.5 x 18.0
6.3
44730KFP2B0
44730KFM2B0
185
44730KFI2B0
400
44730KF02W0
425
PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 10 %
0.22
7.0 x 16.5 x 26.0
2.9
42230KIP2T0
42230KIM2T0
200
42230KII2B0
250
42230KI02W0
500
0.27
8.5 x 18.0 x 26.0
3.8
42730KIP2T0
42730KIM2T0
200
42730KII2B0
250
42730KI02W0
450
0.33
43330KIP2T0
43330KIM2T0
43330KII2B0
43330KI02W0
0.39
43930KIP2T0
43930KIM2T0
43930KII2B0
43930KI02W0
0.47
10.0 x 19.5 x 26.0
6.8
44730KIP2T0
44730KIM2T0
200
44730KII2B0
200
44730KI02W0
350
0.56
45630KIP2T0
45630KIM2T0
45630KII2B0
45630KI02W0
0.68
12.0 x 22.0 x 26.0
7.8
46830KIP2T0
46830KIM2T0
150
46830KII2B0
200
46830KI02W0
300
0.82
48230KIP2T0
48230KIM2T0
48230KII2B0
48230KI02W0
1.0
12.5 x 22.5 x 26.5
10.0
51030KIP2T0
51030KIM2T0
140
51030KII2B0
400
51030KI02W0
300
PITCH = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 10 %
0.47
11.0 x 21.0 x 31.0
7.4
44730KKP2T0
44730KKM2T0
100
44730KKI2B0
125
-
-
0.56
45630KKP2T0
45630KKM2T0
45630KKI2B0
0.68
46830KKP2T0
46830KKM2T0
46830KKI2B0
0.82
13.0 x 23.0 x 31.0
9.2
48230KKP2T0
48230KKM2T0
100
48230KKI2B0
125
1.0
51030KKP2T0
51030KKM2T0
51030KKI2B0
-
-
1.2
15.0 x 25.0 x 31.5
12.3
51230KKP2T0
51230KKM2T0
100
51230KKI2B0
125
--
1.5
51530KKP2T0
51530KKM2T0
51530KKI2B0
-
-
1.8
18.0 x 28.0 x 31.0
16.1
51830KKP2T0
51830KKM2T0
100
51830KKI2B0
100
2.2
52230KKP2T0
52230KKM2T0
52230KKI2B0
-
-
2.7
21.0 x 31.0 x 31.0
20.3
52730KKP2T0
52730KKM2T0
50
52730KKI2B0
75
--
3.3
53330KKP2T0
53330KKM2T0
53330KKI2B0
-
-
3.9
22.0 x 38.0 x 32.0
29.2
53930KKP2T0
53930KKM2T0
60
53930KKI2B0
60
-
-
4.7
54730KKP2T0
54730KKM2T0
54730KKI2B0
-
ELECTRICAL DATA AND ORDERING INFORMATION
URAC
(V)
CAP.
(μF)
DIMENSIONS (3)
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER F339X2... AND PACKAGING
LOOSE IN BOX
TAPED REEL
(500 mm) (1)
SHORT LEADS
LONG LEADS
lt = 3.5 mm
± 0.3 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
H = 18.5 mm;
P0 = 12.7 mm
SPQ
Notes
• SPQ = Standard Packing Quantity
(1) H = in-tape height; P0 = sprocket hole distance; for detailed specifications refer to “Packaging Information”
(2) Weight for short lead product only
(3) For tolerances see chapter “Space Requirements for Printed-Circuit Board Applications and Dimension Tolerances”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com