Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2CEC-120F-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2CEC-120F-R
Description  Super-mini Signal Conditioners Mini-M Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2CEC-120F-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2CEC-120F-R Datasheet HTML 1Page - M-System Co.,Ltd. M2CEC-120F-R Datasheet HTML 2Page - M-System Co.,Ltd. M2CEC-120F-R Datasheet HTML 3Page - M-System Co.,Ltd. M2CEC-120F-R Datasheet HTML 4Page - M-System Co.,Ltd. M2CEC-120F-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: M2CEC
M2CEC SPECIFICATIONS
ES-5052 Rev.3 Page 2/5
http://www.m-system.co.jp/
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[5] OPTIONS
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
ACCESSORIES
The clamp-on current sensor is included in the product
package.
■ CLAMP-ON CURRENT SENSOR (leadwire type CLSA)
• 0 – 10 A through 0 – 75 A Use
Sensor model No.: CLSA-08
Sensor cable model No.: CLSA-08C-30
Applicable cable diameter: Max. 10.0
Sensor leadwire: AWG 22
Weight: 45 g (1.6 oz)
• 0 – 100 A Use
Sensor model No.: CLSA-12
Sensor cable model No.: CLSA-08C-30
Applicable cable diameter: Max. 16.0
Sensor leadwire: AWG 22
Weight: 70 g (2.5 oz)
• 0 – 125 A through 0 – 300 A Use
Sensor model No.: CLSA-30
Applicable cable diameter: Max. 24.0
Sensor leadwire: AWG 18, 200 mm
Weight: 200 g (7.1 oz)
• 0 – 350 A through 0 – 500 A Use
Sensor model No.: CLSA-50
Applicable cable diameter: Max. 36.0
Sensor leadwire: AWG 18, 200 mm
Weight: 300 g (10.6 oz)
■ CLAMP-ON CURRENT SENSOR (screw terminal type CLSB)
Connection: M3 screw terminal (torque 0.5 N·m)
Screw terminal: Nickel-plated steel
Output wiring: Use AWG22 or thicker wires for the output.
Twist the paired wires, extendable up to 30 meters.
• 0 – 10 A through 0 – 50 A Use
Sensor model No.: CLSB-05
Applicable cable diameter: Max. 10.0
Weight: 45 g (1.6 oz)
• 0 – 60 A through 0 – 100 A Use
Sensor model No.: CLSB-10
Applicable cable diameter: Max. 16.0
Weight: 80 g (2.8 oz)
• 0 – 125 A through 0 – 200 A Use
Sensor model No.: CLSB-20
Applicable cable diameter: Max. 24.0
Weight: 200 g (7.1 oz)
• 0 – 225 A through 0 – 400 A Use
Sensor model No.: CLSB-40
Applicable cable diameter: Max. 35.0
Weight: 300 g (10.6 oz)
• 0 – 500 A through 0 – 600 A Use
Sensor model No.: CLSB-60
Applicable cable diameter: Max. 35.0
Weight: 360 g (12.7 oz)
Note 1: The output values may vary depending on the
accuracy of engagement at the clamp connection.
Note 2: The sensor is detachable up to 100 times (approx.).
Note 3: The sensor’s mechanical construction may cause it
to generate resonance sound. However, it does not affect
the performance of the sensor.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Sensor core to input to output to power
Input waveform
RMS sensing: Up to 15 % of 3rd harmonic content
Overrange output: 0 to 120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 / 60 / 400 Hz
Overload capacity
CLSA - 08: 120 A continuous
CLSA - 12: 300 A continuous
CLSA - 30: 360 A continuous
CLSA - 50: 600 A continuous
CLSB - 05: 100 A continuous
CLSB - 10: 200 A continuous
CLSB - 20: 300 A continuous
CLSB - 40: 600 A continuous
CLSB - 60: 720 A continuous
Operational range: 0 – 120 % of rating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com