Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NAVA-4RVC3-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # 48NAVA-4RVC3-R
Description  Bargraph Indicators 48N Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NAVA-4RVC3-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  48NAVA-4RVC3-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NAVA-4RVC3-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NAVA-4RVC3-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NAVA-4RVC3-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NAVA-4RVC3-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NAVA-4RVC3-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NAVA-4RVC3-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NAVA-4RVC3-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NAVA-4RVC3-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MODEL: 48NAVA
48NAVA SPECIFICATIONS
ES-9442 Rev.11 Page 7/9
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
75 (2.95)
103 (4.06)
10 (.39)
18
(.71)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16–M3 SCREW
TERMINALS
Rounded corners for the option /D
2–M3 SCREWS
36 (1.42)
■ OPTION /D BEZEL*
3
*1. Space required when replacing the scale plate.
*2. Used for the existing panel cutout of M-System 48 Series (38 × 139.5 mm).
*3. Used for the existing DIN panel cutout (33 × 138 mm)
*4. Used for the existing panel cutout of Fuji Electric PAJ, PAK, PBA (44 × 138 mm), etc.
■ STANDARD BEZEL*
2
10.4
(.41)
7.5
(.30)
3.9
(.15)
31 (1.22)
11.4
(.45)
7.5
(.30)
4.9
(.19)
8.5
(.33)
10.4
(.41)
7.5
(.30)
■ OPTION /F BEZEL*
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com