Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48NAVA-4YVC3-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # 48NAVA-4YVC3-R
Description  Bargraph Indicators 48N Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NAVA-4YVC3-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  48NAVA-4YVC3-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NAVA-4YVC3-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NAVA-4YVC3-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NAVA-4YVC3-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NAVA-4YVC3-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NAVA-4YVC3-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NAVA-4YVC3-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NAVA-4YVC3-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NAVA-4YVC3-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MODEL: 48NAVA
48NAVA SPECIFICATIONS
ES-9442 Rev.11 Page 6/9
http://www.m-system.co.jp/
EXTERNAL VIEW
■ ALARM OUTPUT CODE 2: 2 points
■ ALARM OUTPUT CODE 4: 4 points
• Bar Color Patterns
Pattern 1 (Bar LED color code 1)
orange
orange
green
orange
Input < L
L < Input < H
H < Input
green
red
H
L
Pattern 2 (Bar LED color code 2)
orange
green
green
red
red
red
H
L
50
40
30
20
10
0
-10
-20
-30
-40
-50
m3/h
%
100 SET
H
S
•
Z
L
90
80
70
60
50
40
30
20
10
0
SET (ENTER) Button
H Setpoint Adj. & Trip Indicator (red)
Span Adj. (amber)
Power Saving Mode Indicator (amber)
Zero Adj. (amber)
L Setpoint Adj. & Trip Indicator (green)
UP Button
Mode Selector
DOWN Button
H Setpoint
L Setpoint
PV Indicator
M
50
40
30
20
10
0
-10
-20
-30
-40
-50
m3/h
%
100
SET
L
Z
•
S
90
80
70
60
50
40
30
20
10
0
H
M
• Vertical Mounting
• Horizontal Mounting
50
40
30
20
10
0
-10
-20
-30
-40
-50
m3/h
%
100 SET
H
S
•
Z
L
90
80
70
60
50
40
30
20
10
0
SET (ENTER) Button
HH Setpoint Adj. & Trip Indicator (red)
H Setpoint Adj. & Trip Indicator (red)
Span Adj. (amber)
Power Saving Mode Indicator (amber)
Zero Adj. (amber)
L Setpoint Adj. & Trip Indicator (green)
LL Setpoint Adj. & Trip Indicator (green)
UP Button
Mode Selector
DOWN Button
HH Setpoint
H Setpoint
L Setpoint
LL Setpoint
PV Indicator
HH
LL
M
50
40
30
20
10
0
-10
-20
-30
-40
-50
m3/h
%
100
SET
LL
L
Z
•
S
90
80
70
60
50
40
30
20
10
0
H
HH
M
• Vertical Mounting
• Horizontal Mounting



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com