Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47LLC-S251W-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 47LLC-S251W-R
Description  Digital Panel Meters 47 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47LLC-S251W-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  47LLC-S251W-R Datasheet HTML 1Page - M-System Co.,Ltd. 47LLC-S251W-R Datasheet HTML 2Page - M-System Co.,Ltd. 47LLC-S251W-R Datasheet HTML 3Page - M-System Co.,Ltd. 47LLC-S251W-R Datasheet HTML 4Page - M-System Co.,Ltd. 47LLC-S251W-R Datasheet HTML 5Page - M-System Co.,Ltd. 47LLC-S251W-R Datasheet HTML 6Page - M-System Co.,Ltd. 47LLC-S251W-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: 47LLC
47LLC SPECIFICATIONS
ES-9505 Rev.8 Page 3/7
http://www.m-system.co.jp/
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Panel flush mounting
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of max. span
Accuracy
Display: ±0.1 % ±1 digit
Output: ±0.25 % (DC output = display + output)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Input resolution: Max. 20 bits
Output resolution: Max. 16 bits
Response time: ≤ 0.5 sec.
(alarm output: 0 – 100 % at 90 % setpoint)
≤ 0.5 sec. (DC output: 0 – 90 %)
Excitation: Set value ±250 mV
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (strain gauge
input or excitation or contact input or SG to DC output to HH
output or H output to L output or LL output to power to
ground)
EXTERNAL VIEW
(4) Max/Min Button
(5) Alarm/
Button
(6) Scale/
Button
(7) Shift Button
(8) Up Button
(1) Main Display
(2) Alarm Indicators
(3) Function Indicators
Alarm/
Scale/
Max/Min
Shift
Up
Zro
HH
H
P
L
LL
Spn
D/P
Tch
Fnc
Min
Max
• COMPONENT IDENTIFICATION
No.
COMPONENT
FUNCTION
(1)
Main display
Indicates present values, setting values and status of the unit.
(2)
Alarm indicators
Indicate alarm status of the input signal.
(3)
Function indicators
Indicate the status in each setting mode.
(4)
Max/Min button
Used to switch the main display to show the present values, maximum values or minimum values etc.
(5)
Alarm/
button
Used to con rm alarm setting value and to move on to the alarm and other setting modes; or to shift through
setting items in each setting mode.
(6)
Scale/
button
Used to move on to the scaling and other setting modes; or to shift through setting items in each setting
mode.
(7)
Shift button
Used to move on to the setting standby status of each setting mode and shift through display digits in each
setting item.
(8)
Up button
Used to select setting values in each setting mode.
Note: Refer to the operating manual for details on each function.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com