Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC193 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC193
Description  RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC193 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC193 Datasheet HTML 1Page - STMicroelectronics M54HC193 Datasheet HTML 2Page - STMicroelectronics M54HC193 Datasheet HTML 3Page - STMicroelectronics M54HC193 Datasheet HTML 4Page - STMicroelectronics M54HC193 Datasheet HTML 5Page - STMicroelectronics M54HC193 Datasheet HTML 6Page - STMicroelectronics M54HC193 Datasheet HTML 7Page - STMicroelectronics M54HC193 Datasheet HTML 8Page - STMicroelectronics M54HC193 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
M54HC193
2/13
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
3, 2, 6, 7
QA to QD
Flip-Flop Outputs
4
CCD
Count Down Clock Input
5
CCU
Count Up Clock Input
11
LOAD
Asynchronous Parallel
Load Input (Active LOW)
12
CARRY
Count Up (Carry)
Output (Active LOW)
13
BORROW
Count Down (Borrow)
Output (Active LOW)
14
CLR
Asynchronous Reset
Input (Active High)
15, 1, 10, 9
A to D
Data Inputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
COUNT UP
COUNT DOWN
LOAD
CLEAR
FUNCTION
HH
L
COUNT UP
HH
L
NO COUNT
HH
L
COUNT DOWN
HH
L
NO COUNT
X
X
L
L
PRESET
X
X
X
H
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com