Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5A4764 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A4764
Description  Smal Package, Dual SPDT Audio Clickless Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4764 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A4764 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4764 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4764 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4764 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4764 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4764 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4764 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8790
10/20/05
PI5A4764
Small Package, Dual SPDT Audio Clickless Analog Switch
Recommended Operating Conditions(3)
Supply Voltage Operating (VCC) . . . . . . . . . . . . 1.65V to 5.5V
Control Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . 0V to VCC
Switch Input Voltage (VIN). . . . . . . . . . . . . . . . . . . . 0V to VCC
Output Voltage (VOUT) . . . . . . . . . . . . . . . . . . . . . . . 0V to VCC
Operating Temperature (TA) . . . . . . . . . . . . . . . –40°C to +85°C
Input Rise and Fall Time (tr,tf)
Control Input VCC = 2.3V - 3.6V. . . . . . . . . 0ns/V to 10ns/V
Control Input VCC = 4.5V - 5.5V. . . . . . . . . . 0ns/V to 5ns/V
Thermal Resistance (θJA) . . . . . . . . . . . . . . . . . . . . . . 350°C/W
Absolute Maximum Ratings(1)
Supply Voltage VCC ............................................ –0.5V to +7V
DC Switch Voltage (VS)(2) ........................–0.5V to VCC +0.5V
DC Input Voltage (VIN)(2) ................................ –0.5V to +7.0V
DC Output Current (VOUT) ........................................... 128mA
DC VCC or Ground Current (ICC/IGND) ....................... ±100mA
Storage Temperature Range (TSTG) .............. –65°C to +150°C
Junction Temperature under Bias (TJ) .............................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds) ................................................260°C
Power Dissipation (PD) @ +85°C .................................. 180mW
Notes:
1.
Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any
other conditions beyond those indicated in the operational sections of this specification is not implied.
2.
The input and output negative voltage ratings may be exceeded if the inut and output diode current ratings are observed.
3.
Control input must be held HIGH or LOW; it must not float.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com