Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVL2A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PIMXRT516SCVL2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVL2A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PIMXRT516SCVL2A Datasheet HTML 3Page - NXP Semiconductors PIMXRT516SCVL2A Datasheet HTML 4Page - NXP Semiconductors PIMXRT516SCVL2A Datasheet HTML 5Page - NXP Semiconductors PIMXRT516SCVL2A Datasheet HTML 6Page - NXP Semiconductors PIMXRT516SCVL2A Datasheet HTML 7Page - NXP Semiconductors PIMXRT516SCVL2A Datasheet HTML 8Page - NXP Semiconductors PIMXRT516SCVL2A Datasheet HTML 9Page - NXP Semiconductors PIMXRT516SCVL2A Datasheet HTML 10Page - NXP Semiconductors PIMXRT516SCVL2A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
i.MX RT1160 introduction
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
7
Figure 1 describes the part number nomenclature so that characteristics of a specific part number can be
identified (for example, cores, frequency, temperature grade, fuse options, and silicon revision). The
primary characteristic which describes which data sheet applies to a specific part is the temperature grade
(junction) field.
•
The i.MX RT1160 Crossover Processors for Consumer Products Data Sheet (IMXRT1160CEC)
covers parts listed with a “D (Consumer temp)”
Ensure to have the proper data sheet for specific part by verifying the temperature grade (junction) field
and matching it to the proper data sheet. If there are any questions, visit the web page nxp.com/IMXRT or
contact an NXP representative for details.
CAN-FD
x3
x3
1 Gb ENET with AVB
x1
x1
10/100 Mb ENET with 1588
x1
x1
USB OTG
x2
x2
eMMC 5.0 / SD 3.0
x2
x2
EMV SIM
x2
x2
SAI
x4
x4
DMIC
x8
x8
FlexSPI
x2
x2
UART
x12
x12
I2C
x6
x6
SPI
x6
x6
GPT
x6
x6
PIT
x2
x2
QTimer
x4
x4
FlexPWM
x4
x4
Security
Yes
Yes
Package
289 MAPBGA, 14 mm x14 mm, 0.8 mm
pitch
289 MAPBGA, 14 mm x14 mm, 0.8 mm
pitch
Junction temperature Tj (C)
0 to 95
0 to 95
Table 1. Order information (continued)
MIMXRT1166DVM6A
MIMXRT1165DVM6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com