Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM10-10NDFEB Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # DM10-10NDFEB
Description  Magnet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

DM10-10NDFEB Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  DM10-10NDFEB Datasheet HTML 1Page - Pepperl+Fuchs Inc. DM10-10NDFEB Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DM 10-10 NDFEB
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Magnet
The NeoDeltaMagnet consists of NdFeB (neodymium iron boron), the "strongest" available magnet material. The surface is
protected against corrosion by a coating of stannous on nickel.
The ring magnets have an axial magnetisation. The dimensional tolerance usually amounts to ±0.1 mm.
Technical Features
Characteristic
Value
Power product
(W x H) max.
262 ... 288
kJ/m3
Remanence
Br
1170 ... 1250
mT
Coercive field strength
JHC
>1350
kA/m
Coercive field strength
BHC
> 860
kA/m
Relative remanent permeability
or
1.07
mT/ kA/m
Temperature coefficient of the
remanence
- 0.10
%/°C
Density
r
7.4
g/cm3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com