Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC536MS8GETR Datasheet(PDF) 3 Page - Analog Devices

Part # HMC536MS8GETR
Description  GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC536MS8GETR Datasheet(HTML) 3 Page - Analog Devices

  HMC536MS8GETR Datasheet HTML 1Page - Analog Devices HMC536MS8GETR Datasheet HTML 2Page - Analog Devices HMC536MS8GETR Datasheet HTML 3Page - Analog Devices HMC536MS8GETR Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
HMC536MS8G / 536MS8GE
v04.0320
GaAs MMIC POSITIVE CONTROL
T/R SWITCH, DC - 6 GHz
Truth Table
Absolute Maximum Ratings
Control Input
Signal Path State
A
B
RFC to:
Low
High
RF1
High
Low
RF2
DC blocks are required at ports RFC, RF1, RF2.
Choose value for lowest frequency of operation.
Outline Drawing
Control Voltages
*Control Input Tolerances are ± 0.2 Vdc
State
Bias Condition*
Low
0 Vdc @ 25 µA Typical
High
+3 Vdc to +5 Vdc @ 25 µA Typical
Control Voltage Range
-0.5 to +7.5 Vdc
Hot Switch Power Level
(Vctl = +3V)
+29 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 13 mW/°C above 85 °C)
0.867 W
Thermal Resistance
75 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Part Number
Package Body Material
Lead Finish
MSL Rating [1]
Package Marking [2]
HMC536MS8GE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL3
H536
XXXX
HMC536MS8GETR
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL3
H536
XXXX
[1] Max peak reflow temperature of 260 °C
[2] 4-Digit lot number XXXX
Package Information
0.94
0.86
0.78
0.40
0.33
0.25
8-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
(RH-8-1)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-187-AA-T
3.10
3.00
2.90
3.10
3.00
2.90
5.05
4.90
4.75
0.70
0.55
0.40
0.13
MAX
0.95
REF
TOP VIEW
BOTTOM VIEW
SIDE VIEW
END VIEW
1
4
5
8
0.65
BSC
1.10
MAX
1.95 BSC
0.23
0.08
COPLANARITY
0.10
0.25 GAGE
PLANE
6°
0°
2.26
2.16
2.06
1.83
1.73
1.63
EXPOSED
PAD
8-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
(RH-8-1)
Dimensions shown in millimeters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com