Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2N46 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RT2N46
Description  Single, PNP, -30V, -3A, Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RT2N46 Datasheet(HTML) 2 Page - Rectron Semiconductor

  RT2N46 Datasheet HTML 1Page - Rectron Semiconductor RT2N46 Datasheet HTML 2Page - Rectron Semiconductor RT2N46 Datasheet HTML 3Page - Rectron Semiconductor RT2N46 Datasheet HTML 4Page - Rectron Semiconductor RT2N46 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electronics Characteristics (Ta=25oC, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
Ic =-1mA
-30
V
Collector-base breakdown voltage
BVCBO
Ic=-100uA
-30
V
Emitter-base breakdown voltage
BVEBO
IE=-100uA
-6
V
Collector cutoff current
ICBO
VCB=-30V
-100
nA
Emitter cutoff current
IEBO
VEB=4V
-100
nA
Collector-emitter saturation voltage
Vce(sat)
IC=-1A, lB=-15mA
-200
mV
IC=-2A, lB=-200mA
-350
mV
Base-emitter saturation voltage
Vbe(sat)
IC=-2A, lB=-200mA
-1
-1.5
V
DC current gain
HFE
lC=-1A , VCE=-0.5V
170
210
400
lC=-1A , VCE=-2V
190
240
350
RATING AND CHARACTERISTICS CURVES (RT2N46)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com