Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH124B Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH124B
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH124B Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH124B Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH124B
137
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2. Excellent Power Density
3. Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH124B-3R9
3.9
100KHZ
20m
6.5
6.00
SCRH124B-4R7
4.7
100KHZ
24m
5.7
5.40
SCRH124B-6R8
6.8
100KHZ
30m
4.9
4.80
SCRH124B-8R2
8.2
100KHZ
34m
4.6
4.40
SCRH124B-100
10
100KHZ
38m
4.5
4.10
SCRH124B-120
12
100KHZ
49m
4.0
3.90
SCRH124B-150
15
100KHZ
53m
3.2
3.50
SCRH124B-180
18
100KHZ
62m
3.1
3.10
SCRH124B-220
22
100KHZ
66m
2.9
3.00
SCRH124B-270
27
100KHZ
92m
2.8
2.70
SCRH124B-330
33
100KHZ
111m
2.7
2.43
SCRH124B-390
39
100KHZ
132m
2.1
2.07
SCRH124B-470
47
100KHZ
170m
1.9
1.87
SCRH124B-560
56
100KHZ
190m
1.8
1.77
SCRH124B-680
68
100KHZ
220m
1.5
1.60
SCRH124B-820
82
100KHZ
275m
1.3
1.44
SCRH124B-101
100
100KHZ
330m
1.2
1.36
SCRH124B-121
120
100KHZ
400m
1.1
1.23
SCRH124B-151
150
100KHZ
530m
0.95
1.16
SCRH124B-181
180
100KHZ
620m
0.85
1.05
SCRH124B-221
220
100KHZ
700m
0.80
0.95
SCRH124B-271
270
100KHZ
870m
0.60
0.86
SCRH124B-331
330
100KHZ
990m
0.50
0.78
(1). Inductance tolerance for 3.9uH~8.2uH:
±30%, for 10uH~330uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
(3)
(4)
MARKING
10
100
1000
100
1000
10000
BCRH124B I nduct ance decrease by current
100000
DC current (mA)
1
0. 1
10
331
470
3R9
BCRH124B Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000
2000
3000
7000
5000
8000
0
9000 10000
331
470
3R9
SCRH124B Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH124B Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH124B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124-100 BEL-SCRH124-100 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124-101 BEL-SCRH124-101 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124-120 BEL-SCRH124-120 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124-121 BEL-SCRH124-121 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH124B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com