Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRH129 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH129
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH129 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH129 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10
100
0000
1000
102
100
1
10
SCRH129
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Inductance decrease by current
1
1
10
100
1000
10000
DC current(mA)
100000
Temperature rise by current
80
70
60
50
40
30
20
10
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
DC current(mA)
(1). Inductance tolerance ±20% tested at 0.25V, 0ADC and 25℃ambient.
(2). DCR measured at 25℃ ambient.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40℃ temperature rise from 25℃ambient.
(5). Operating temperature range -40°C to +125°C.
Click here for
QUANTITY PER REEL & PACKING INFORMATION
Custom versions available upon request.
XXX
MARKING
102
101
100
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(Ω MAX)
(2)
Saturation
Current (3)
(A)
Temperature
Current (4)
(A)
SCRH129-100
10
1KHZ
21m
8.5
6.00
SCRH129-120
12
1KHZ
22m
8.0
5.40
SCRH129-150
15
1KHZ
27m
7.5
5.00
SCRH129-180
18
1KHZ
31.5m
6.8
4.61
SCRH129-220
22
1KHZ
39m
6.5
4.38
SCRH129-270
27
1KHZ
49.5m
5.0
4.16
SCRH129-330
33
1KHZ
63m
4.8
3.80
SCRH129-470
47
1KHZ
80m
4.0
3.42
SCRH129-560
56
1KHZ
90m
3.8
3.00
SCRH129-680
68
1KHZ
100m
3.2
2.70
SCRH129-820
82
1KHZ
127m
3.0
2.43
SCRH129-101
100
1KHZ
156m
2.5
2.30
SCRH129-121
120
1KHZ
183m
2.2
2.20
SCRH129-151
150
1KHZ
223m
2.0
2.10
SCRH129-181
180
1KHZ
274m
1.9
1.80
SCRH129-221
220
1KHZ
361m
1.8
1.53
SCRH129-271
270
1KHZ
418m
1.5
1.40
SCRH129-331
330
1KHZ
495m
1.3
1.30
SCRH129-391
390
1KHZ
556m
1.2
1.23
SCRH129-471
470
1KHZ
742m
1.1
1.10
SCRH129-561
560
1KHZ
872m
1.0
1.00
SCRH129-681
680
1KHZ
1.11
0.9
0.85
SCRH129-821
820
1KHZ
1.22
0.8
0.76
SCRH129-102
1000
1KHZ
1.34
0.7
0.72
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH129

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH123 BEL-SCRH123 Datasheet
804Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH123-100 BEL-SCRH123-100 Datasheet
804Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH123-101 BEL-SCRH123-101 Datasheet
804Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH123-120 BEL-SCRH123-120 Datasheet
804Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH123-121 BEL-SCRH123-121 Datasheet
804Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH129

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com