Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCF07 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CPCF07
Description  Wirewound/Metal Oxide Resistors, Commercial Power, Vertical Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPCF07 Datasheet(HTML) 1 Page - Vishay Siliconix

  CPCF07 Datasheet HTML 1Page - Vishay Siliconix CPCF07 Datasheet HTML 2Page - Vishay Siliconix CPCF07 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPCC, CPCF High Volume
www.vishay.com
Vishay Dale
End of Life July 2020
Revision: 05-Feb-2020
1
Document Number: 30116
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound/Metal Oxide Resistors, Commercial Power,
Vertical Mount
FEATURES
• Space saving
• Direct mounting on printed circuit board
• High power to size ratio
• Special cement potting compound and ceramic
case provide high thermal conductivity in a
fireproof package
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
POWER RATING
P40 °C
W
RESISTANCE RANGE
WIREWOUND
RESISTANCE RANGE
METAL OXIDE
TOLERANCE
± %
WEIGHT
(typical)
g
CPCC02
2
0.1 to 100
n/a
5, 10
4.7
CPCF02
2
n/a
101 to 50K
5, 10
4.7
CPCC03
3
0.1 to 100
n/a
5, 10
5.5
CPCF03
3
n/a
101 to 50K
5, 10
5.5
CPCC05
5
0.1 to 100
n/a
5, 10
6.9
CPCF05
5
n/a
101 to 50K
5, 10
6.9
CPCC07
7
0.1 to 100
n/a
5, 10
9.2
CPCF07
7
n/a
101 to 50K
5, 10
9.2
CPCC10
10
0.1 to 100
n/a
5, 10
14.3
CPCC1A
10
0.1 to 100
n/a
5, 10
13.2
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CPCC, CPCF HIGH VOLUME RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 400
Short Time Overload
-
5 x rated power for 5 s
Maximum Working Voltage
V
(P x R)1/2
Operating Temperature Range
°C
-65 to +275 for wirewound, -65 to +225 for metal oxide
Terminal Strength
lb
10 minimum
Dielectric Withstanding Voltage
VAC
1000
GLOBAL PART NUMBER INFORMATION
Global Part Numbering Example: CPCC0515R00JE66
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
(See Standard Electrical
Specifications Global
Model column for
options)
R = decimal
K = thousand
R1500 = 0.15
1K500 = 1500
J = ± 5.0 %
K = ± 10.0 %
E66 = lead (Pb)-free bulk pack
(Dash number)
(Up to 3 digits)
From 1 to 999
as applicable
P
C
C
0515
R
00J
E
6
6
C


Similar Part No. - CPCF07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCF-2 VISHAY-CPCF-2 Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
CPCF-3 VISHAY-CPCF-3 Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
CPCF-5 VISHAY-CPCF-5 Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
logo
Shenzhen Codaca Electro...
CPCF3218A CODACA-CPCF3218A Datasheet
682Kb / 4P
High Current Power Inductor
07/14/2020
CPCF3218A-100MC CODACA-CPCF3218A-100MC Datasheet
682Kb / 4P
High Current Power Inductor
07/14/2020
More results

Similar Description - CPCF07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCL VISHAY-CPCL Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
logo
IRC - a TT electronics ...
CVF21000JLFTR IRCTT-CVF21000JLFTR Datasheet
129Kb / 3P
Commercial Grade Vertical Mount Power Wirewound & Film Resistors
logo
Vishay Siliconix
CPSM VISHAY-CPSM_12 Datasheet
78Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
22-Dec-11
CP00101R000JE14 VISHAY-CP00101R000JE14 Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
CPCC0547R00JE32 VISHAY-CPCC0547R00JE32 Datasheet
95Kb / 3P
Wirewound/Metal Film Resistors, Commercial Power, Vertical Mount
17-Feb-11
CPHV VISHAY-CPHV Datasheet
90Kb / 3P
Wirewound/Metal Oxide Resistors, Commercial Power, Axial Lead
14-Aug-12
logo
List of Unclassifed Man...
SQM5-1K5JI ETC2-SQM5-1K5JI Datasheet
999Kb / 2P
Radial Ceramic Case Resistors Wirewound / Metal Oxide
logo
Vishay Siliconix
CPCL VISHAY-CPCL_15 Datasheet
90Kb / 3P
Wirewound/Metal Film Resistors,Commercial Power, Vertical Mount
17-Feb-11
logo
TT Electronics.
CMO TTELEC-CMO Datasheet
286Kb / 4P
Commercial Grade Metal Oxide Resistors
logo
Vishay Siliconix
CPR VISHAY-CPR Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com