Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRWCOMBO Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRWCOMBO
Description  Replacement Combination Lock for SmartRack Wall-Mount Server Rack Cabinets - Front Door
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRWCOMBO Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRWCOMBO Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRWCOMBO Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
© 2020 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Replacement Combination Lock for SmartRack
Wall-Mount Server Rack Cabinets - Front Door
MODEL NUMBER: SRWCOMBO
Replacement combination lock kit allows facility and IT managers to designate authorized access to wall-
mount rack cabinets.
Features
Theft-Deterrent Replacement Lock Prevents Unauthorized Access to Your Rack Cabinet
This replacement combination lock kit helps you securely store your valuable rack-mounted equipment to
protect it from damage, tampering or theft. It’s recommended for data centers, server rooms or network
closets where you need your wall-mount rack enclosures to be protected from unauthorized access.
Choose from Up to 1000 Different Combinations for Flexible Protection
The three-digit combination can be easily reset and changed as often as you want. Choose from as many
as 1000 different combinations to closely guard access and to adjust when access requirements change.
Highlights
Replacement combination lock
fits front door of SmartRack®
wall-mount enclosures
q
Uses mounting hardware from
existing SmartRack door handle
for quick installation
q
Choose from up to 1000
different combinations for easy
changes as often as needed
q
Applications
Prevent unauthorized access to
wall-mount rack equipment in
your data center, server room or
network closet
q
System Requirements
SmartRack wall-mount
enclosure
q
Package Includes
Combination lock
q
Instructions
q
OVERVIEW
UPC Code
037332241009
PHYSICAL
Shipping Dimensions (hwd / in.)
1.77 x 3.34 x 1.77
Shipping Weight (kg)
0.11
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
1 / 2


Similar Part No. - SRWCOMBO

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SRW COOPER-SRW Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
Integrated Power Design...
SRW-45 IPDPOWER-SRW-45 Datasheet
299Kb / 2P
45 WATTS SRW-45 SERIES AC-DC
SRW-45-1001 IPDPOWER-SRW-45-1001 Datasheet
299Kb / 2P
45 WATTS SRW-45 SERIES AC-DC
SRW-45-1002 IPDPOWER-SRW-45-1002 Datasheet
299Kb / 2P
45 WATTS SRW-45 SERIES AC-DC
SRW-45-1003 IPDPOWER-SRW-45-1003 Datasheet
299Kb / 2P
45 WATTS SRW-45 SERIES AC-DC
More results

Similar Description - SRWCOMBO

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRW12USG TRIPPLITE-SRW12USG Datasheet
508Kb / 3P
SmartRack 12U Hinged Wall-Mount Standard-Depth Rack Enclosure Cabinet, Plexiglass Front Door Insert
SRWF2U36 TRIPPLITE-SRWF2U36 Datasheet
512Kb / 3P
SmartRack 2U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
SRWF6U36 TRIPPLITE-SRWF6U36 Datasheet
518Kb / 3P
SmartRack 6U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
SRHANDLE1 TRIPPLITE-SRHANDLE1 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 1
SRHANDLE2 TRIPPLITE-SRHANDLE2 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 2
SRHANDLE3 TRIPPLITE-SRHANDLE3 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 3
SRHANDLE4 TRIPPLITE-SRHANDLE4 Datasheet
171Kb / 2P
Replacement Lock for SmartRack Server Rack Cabinets - Front and Back Doors, 2 Keys, Version 4
SRW12US33 TRIPPLITE-SRW12US33 Datasheet
199Kb / 3P
SmartRack 12U Server-Depth Wall-Mount Rack Enclosure Cabinet, Hinged Back
SRWF12U38 TRIPPLITE-SRWF12U38 Datasheet
165Kb / 3P
SmartRack 12U Low-Profile Vertical-Mount Server-Depth Wall-Mount Rack Enclosure Cabinet
SRCOOL2KWM TRIPPLITE-SRCOOL2KWM Datasheet
171Kb / 4P
SmartRack Wall-Mount Server Rack Cooling Unit - 2,000 BTU, 120V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com